Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1457PH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1457PH
Description  D Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1457PH Datasheet(HTML) 2 Page - Vishay Siliconix

  1457PH Datasheet HTML 1Page - Vishay Siliconix 1457PH Datasheet HTML 2Page - Vishay Siliconix 1457PH Datasheet HTML 3Page - Vishay Siliconix 1457PH Datasheet HTML 4Page - Vishay Siliconix 1457PH Datasheet HTML 5Page - Vishay Siliconix 1457PH Datasheet HTML 6Page - Vishay Siliconix 1457PH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28511
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
29
D Series
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
Vishay BCcomponents
Notes
(1) SH = seated height; DR = run down
• Maximum thickness 4.0 mm
• Lead style codes refer to lead cofigurations
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 NP0
1.0
± 0.25 pF
5.0
5.0
4.0
D109C20C0KH6.J5R
2.5
1.5
D109C20C0KH6.L2R
1.5
5.0
4.0
D159C20C0KH6.J5R
2.5
1.5
D159C20C0KH6.L2R
2.2
5.0
4.0
D229C20C0JH6.J5R
2.5
1.5
D229C20C0JH6.L2R
3.3
5.0
4.0
D339C20C0JH6.J5R
2.5
1.5
D339C20C0JH6.L2R
4.7
5.0
4.0
D479C20C0HH6.J5R
2.5
1.5
D479C20C0HH6.L2R
6.8
± 0.5 pF
5.0
4.0
D689D20C0HH6.J5R
2.5
1.5
D689D20C0HH6.L2R
10
± 5
5.0
4.0
D100J20C0GH6.J5R
2.5
1.5
D100J20C0GH6.L2R
12
5.0
4.0
D120J20C0GH6.J5R
2.5
1.5
D120J20C0GH6.L2R
15
5.0
4.0
D150J20C0GH6.J5R
2.5
1.5
D150J20C0GH6.L2R
18
5.0
4.0
D180J20C0GH6.J5R
2.5
1.5
D180J20C0GH6.L2R
22
5.0
4.0
D220J20C0GH6.J5R
2.5
1.5
D220J20C0GH6.L2R
27
5.0
4.0
D270J20C0GH6.J5R
2.5
1.5
D270J20C0GH6.L2R
33
5.0
4.0
D330J20C0GH6.J5R
2.5
1.5
D330J20C0GH6.L2R
39
6.5
5.0
4.0
D390J25C0GH6.J5R
2.5
1.5
D390J25C0GH6.L2R
47
5.0
4.0
D470J25C0GH6.J5R
2.5
1.5
D470J25C0GH6.L2R
CLASS 1 SL0
56
± 5
5.0
5.0
4.0
D560J20SL0H6.J5R
2.5
1.5
D560J20SL0H6.L2R
68
5.0
4.0
D680J20SL0H6.J5R
2.5
1.5
D680J20SL0H6.L2R
82
5.0
4.0
D820J20SL0H6.J5R
2.5
1.5
D820J20SL0H6.L2R
100
5.0
4.0
D101J20SL0H6.J5R
2.5
1.5
D101J20SL0H6.L2R


Similar Part No. - 1457PH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1457 VISHAY-1457 Datasheet
74Kb / 1P
   Bulk Metal Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network
Revision 28-Aug-02
logo
List of Unclassifed Man...
1457019-3 ETC2-1457019-3 Datasheet
3Mb / 100P
   Fiber Optic Products
logo
PHOENIX CONTACT
1457021 PHOENIX-1457021 Datasheet
412Kb / 11P
   SAC-4P-M12MS/ 3,0-800 - Sensor/actuator cable
1457076 PHOENIX-1457076 Datasheet
527Kb / 12P
   SAC-4P-M12MS/ 3,0-800/M12FS - Sensor/actuator cable
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
   Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
More results

Similar Description - 1457PH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D100J20C0GL6 VISHAY-D100J20C0GL6 Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com