Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS-12-087 Datasheet(PDF) 2 Page - FCI connector

Part # BUS-12-087
Description  Ribcage??II Printed Wiring Board Connector System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

BUS-12-087 Datasheet(HTML) 2 Page - FCI connector

  BUS-12-087 Datasheet HTML 1Page - FCI connector BUS-12-087 Datasheet HTML 2Page - FCI connector BUS-12-087 Datasheet HTML 3Page - FCI connector BUS-12-087 Datasheet HTML 4Page - FCI connector BUS-12-087 Datasheet HTML 5Page - FCI connector BUS-12-087 Datasheet HTML 6Page - FCI connector BUS-12-087 Datasheet HTML 7Page - FCI connector BUS-12-087 Datasheet HTML 8Page - FCI connector BUS-12-087 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NUMBER
BUS-12-087
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
2 of 21
M
AUTHORIZED BY
DATE
Ribcage™ II Printed Wiring Board Connector System
C. Martinez
27 Feb 07
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
STANDARDS
Military
MIL-STD-202
Test Methods for Electronic and Electrical Component Parts
MIL-STD-275
Printing Wiring for Electronic Equipment
MIL-STD-1344
Test Methods for Electrical Connectors
INDUSTRY SPECIFICATIONS/STANDARDS
ASTM B-194
Copper-Beryllium alloy Plate, Sheet, Strip, and Rolled Bar
UL-94
Tests for Flammability of Plastic Materials
3.0
REQUIREMENTS
3.1
Qualification
Connectors (Figure 1) and headers (Figure 2) furnished under this specification shall be products
capable of meeting the qualification test requirements specified herein. New products of the same
type shall be considered qualified by similarity pending actual testing.
3.2
Connector Materials
The material for each part shall be as specified herein, or equivalent. Substitute material shall meet
the performance requirements of this specification.
3.2.1 Contact - The contact shall be full hard (HM) Beryllium
Copper.
3.2.2 Insulator Housing - All housing material shall be rated
flame retardant 94 V0 in accordance with UL-94. The housing shall be glass filled
thermoplastic in accordance with MIL-M-24519.
3.2.3 Contact Finish - The contact shall be plated in the contact
area with 30 microinches (minimum) gold per MIL-G-45204, Type II, Grade C, over
nickel, per QQ-N-290, Class 2. In the soldering area the contact shall be tin/lead
plated 100 microinches min. over Nickel or pure tin plated 100 microinches min. over
Nickel.
PDM: Rev:M
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - BUS-12-087

ManufacturerPart #DatasheetDescription
logo
FCI connector
BUS-12-114 FCI-CONNECTOR-BUS-12-114 Datasheet
130Kb / 8P
   Duplex Plated Bergstik짰 II Headers
More results

Similar Description - BUS-12-087

ManufacturerPart #DatasheetDescription
logo
FCI connector
87024-630LF FCI-CONNECTOR-87024-630LF Datasheet
311Kb / 21P
   Ribcage??II Printed Wiring Board Connector System
logo
Panasonic Semiconductor
NEAMC5 PANASONIC-NEAMC5 Datasheet
66Kb / 1P
   Printed Wiring Board
Feb. 2006
logo
Tyco Electronics
6061002-1 MACOM-6061002-1 Datasheet
110Kb / 1P
   MCX PRINTED WIRING BOARD JACK RECEPTACLE STRAIGHT TERMINAL
logo
Omron Electronics LLC
XW6T OMRON-XW6T Datasheet
384Kb / 2P
   XW6T Wiring System Interface
logo
List of Unclassifed Man...
EC204B020A ETC1-EC204B020A Datasheet
291Kb / 4P
   Molded Printed Wiring Rotary Switches
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com