Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-12-0977 Datasheet(PDF) 9 Page - FCI connector

Part # GS-12-0977
Description  Conan Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0977 Datasheet(HTML) 9 Page - FCI connector

Back Button GS-12-0977 Datasheet HTML 5Page - FCI connector GS-12-0977 Datasheet HTML 6Page - FCI connector GS-12-0977 Datasheet HTML 7Page - FCI connector GS-12-0977 Datasheet HTML 8Page - FCI connector GS-12-0977 Datasheet HTML 9Page - FCI connector GS-12-0977 Datasheet HTML 10Page - FCI connector GS-12-0977 Datasheet HTML 11Page - FCI connector GS-12-0977 Datasheet HTML 12Page - FCI connector GS-12-0977 Datasheet HTML 13Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NUMBER
GS-12-0977
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
Conan Micro miniature Connector System
9 of 17
C
AUTHORIZED BY
DATE
Janmy Zhou
Feb. 14, 2012
CLASSIFICATION
UNRESTRICTED
Copyright FCI.
Form E-3701 – Revision C
GS-01-029
G.
Solder dwell time: Terminal held immediately above solder for 10 seconds and then I
mmersed for 5 +/- 0.5 seconds. The solder tails shall be bent normal to the base of
the connector to prevent the insulator from touching the solder bath.
H.
Solder temperature: 245 +/- 5 deg. C.
I.
Samples: Group 7 - unsoldered and unmated.
8.8
RESISTANCE TO IR SOLDERING HEAT
A.
Temperature: 260oC + 5o C (peak temperature)
B.
Duration: 30 seconds.
8.9
DURABILITY - STANDARD LABORATORY PROCEDURES
A.
Number of cycles:
30 cycles for 8u" GXT Contact Finish
B.
Crosshead speed: 1 inch/minute max.
9.0
QUALITY ASSURANCE PROVISIONS
9.1
EQUIPMENT CALIBRATION
All test equipment and inspection facilities used in the performance of any test shall be maintained
in a calibration system in accordance with MIL-C-45662 and ISO 9000.
9.2
INSPECTION CONDITIONS
Unless otherwise specified herein, all inspections shall be performed under the following
ambient conditions:
A.
Temperature: 25 +/- 5 deg. C.
B.
Relative humidity: 30 to 60%
C.
Barometric pressure: Local ambient.
PDS: Rev :C
STATUS:Released
Printed: Mar 13, 2012


Similar Part No. - GS-12-0977

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
More results

Similar Description - GS-12-0977

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-006 FCI-CONNECTOR-GS-12-006 Datasheet
185Kb / 17P
   Conan??Micro miniature Connector System
logo
Tyco Electronics
215460-4 MACOM-215460-4 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
logo
FCI connector
91900 FCI-CONNECTOR-91900 Datasheet
451Kb / 7P
   CONAN CONNECTOR ASSEMBLY
91911-21451LF FCI-CONNECTOR-91911-21451LF Datasheet
411Kb / 7P
   CONAN CONNECTOR ASSEMBLY
91931-31125LF FCI-CONNECTOR-91931-31125LF Datasheet
440Kb / 7P
   CONAN CONNECTOR ASSEMBLY
logo
Adam Technologies, Inc.
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
   MICRO MINIATURE CONNECTOR
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
   MICRO MINIATURE CONNECTOR
logo
Nel Frequency Controls,...
OC-X87XXXXX NEL-OC-X87XXXXX Datasheet
43Kb / 3P
   Micro-miniature OCXO
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com