Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-29-616 Datasheet(PDF) 2 Page - FCI connector

Part # GS-29-616
Description  SFP짰 Cable and Connector System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-29-616 Datasheet(HTML) 2 Page - FCI connector

  GS-29-616 Datasheet HTML 1Page - FCI connector GS-29-616 Datasheet HTML 2Page - FCI connector GS-29-616 Datasheet HTML 3Page - FCI connector GS-29-616 Datasheet HTML 4Page - FCI connector GS-29-616 Datasheet HTML 5Page - FCI connector GS-29-616 Datasheet HTML 6Page - FCI connector GS-29-616 Datasheet HTML 7Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NUMBER
GS-29-616
TYPE
PRODUCT QUALIFICATION SUMMARY
TITLE
PAGE
REVISION
2 of 7
A
AUTHORIZED BY
DATE
SFP+® Cable and Connector System
J. Kopec
04/26/2010
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
6.0 QUALIFICATION SUMMARY
6.1
The qualification testing of the gold-plated SFP+ cable and connector system was performed in 7 test
groups, with multiple wire gauge samples represented in each group when applicable.
6.1.1
Test Group 1 – Mechanical with Differential Impedance. 3 each (15 total) US PCB cable assemblies
32AWG, 30AWG, and 24AWG with Leoni cable and US PCB cable assemblies 26AWG and 24AWG
with LTK cable. One receptacle test board assembly used for continuity monitoring during the wire
flex test.
TEST
SPECIFICATION CRITERION
RESULTS
Differential Impedance
EIA-364-108
Per GS-12-616 Sec. 6.1.5
Condition: 70 psec. Rise time (20% -
80%)
Criterion: 100 Ω +/- 10 Ω
PASS
32AWG Leoni – 91Ω min, 103Ω max
30AWG Leoni – 91Ω min, 102Ω max
24AWG Leoni – 90Ω min, 101Ω max
28AWG LTK – 90Ω min, 101Ω max
26AWG LTK – 91Ω min, 100Ω max
Cable Minimum Bend Radius
EIA-364-41
Per GS-12-616 Sec. 6.5.8
Condition:
1
cycle
in
each
of
4
perpendicular directions.
Criterion: No damage
PASS
No damage
Wire Flex
EIA-364-41
Per FS-12-616 Sec. 6.5.7
Condition:15 cycles, 180°, 2.5 in. from
back of shell to top of roller
Criterion: No damage, no discontinuity >
1 µsec.
PASS
No damage
No discontinuity
Cable Strain Relief
Per GS-12-616 Sec. 6.5.6
Condition: 25 mm/min., 90N min.
Criterion: No damage
PASS
No damage
Differential Impedance
EIA-364-108
Per GS-12-616 Sec. 6.1.5
Condition: 70 psec. Rise time (20% -
80%)
Criterion: 100 Ω +/- 10 Ω
PASS
32AWG Leoni – 91Ω min, 104Ω max
30AWG Leoni – 91Ω min, 104Ω max
24AWG Leoni – 91Ω min, 103Ω max
28AWG LTK – 91Ω min, 102Ω max
26AWG LTK – 92Ω min, 103Ω max
6.1.2
Test Group 2 – Latch Strength and Cable Connector Retention to Cage, 1 each (3 total) cable
assemblies 28AWG, 26AWG, & 24AWG with Leoni cable.
TEST
SPECIFICATION CRITERION
RESULTS
Latch Strength
Per GS-12-616 Sec. 6.5.9
Condition: 180 N min., 12.7 mm/min.
max.
Criterion: No damage
PASS
No damage
Cable Connector Retention in
Cage
Per GS-12-616 Sec. 6.5.10
Condition: 90 N min. / 170 N. max. axial
load
Criterion: No damage
PASS
No damage
PDM: Rev:A
Released
.
STATUS:
Printed: Nov 29, 2010


Similar Part No. - GS-29-616

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-622 FCI-CONNECTOR-GS-29-622 Datasheet
101Kb / 6P
   QSFP짰 Cable and Connector System
More results

Similar Description - GS-29-616

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-622 FCI-CONNECTOR-GS-29-622 Datasheet
101Kb / 6P
   QSFP짰 Cable and Connector System
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
   Sta-Strap 짰 Cable Ties . Nylon 6.6
logo
Molex Electronics Ltd.
74576-0001 MOLEX-74576-0001 Datasheet
52Kb / 2P
   TDP 짰 (Triad 짰 Differential Pair) PCIe x1 Cable Assembly, 28 AWG, 1.00m Length
logo
List of Unclassifed Man...
U002-006-IB ETC2-U002-006-IB Datasheet
453Kb / 1P
   USB / FireWire 짰 - USB 1.1 Cable (iMac Blue)
logo
FERYSTER Inductive Comp...
E34-K-H-12P-SS-YC FERYSTER-E34-K-H-12P-SS-YC Datasheet
456Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E65-K-V-BP-POLFER FERYSTER-E65-K-V-BP-POLFER Datasheet
94Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EE13-K-V-10P-SS FERYSTER-EE13-K-V-10P-SS Datasheet
268Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-6P-DS FERYSTER-EF16-K-H-6P-DS Datasheet
351Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-8P-FERYSTER FERYSTER-EF16-K-H-8P-FERYSTER Datasheet
229Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-14P-15 FERYSTER-EF16-K-H-14P-15 Datasheet
408Kb / 1P
   FERYSTER 짰 TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com