Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-203127-10-8A Datasheet(PDF) 13 Page - Tyco Electronics

Part # M-203127-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-203127-10-8A Datasheet(HTML) 13 Page - Tyco Electronics

Back Button M-203127-10-8A Datasheet HTML 9Page - Tyco Electronics M-203127-10-8A Datasheet HTML 10Page - Tyco Electronics M-203127-10-8A Datasheet HTML 11Page - Tyco Electronics M-203127-10-8A Datasheet HTML 12Page - Tyco Electronics M-203127-10-8A Datasheet HTML 13Page - Tyco Electronics M-203127-10-8A Datasheet HTML 14Page - Tyco Electronics M-203127-10-8A Datasheet HTML 15Page - Tyco Electronics M-203127-10-8A Datasheet HTML 16Page - Tyco Electronics M-203127-10-8A Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
98
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HMM High Tack Matte Metalized Polyester Labels
Thermal Transfer
Ordering information
HMM is a high performance thermal transfer printable matte
metalized polyester with an aggressive high tack permanent
acrylic adhesive. Designed for applications such as rating plates
and serial plates that require high adhesion to textured surfaces,
metals low surface energy plastics and powder coated surfaces.
The matte surface provides excellent mark permanence and the
high tack adhesion of HMM will bond to the most demanding
surfaces. For reliable print performance and durability, use with
Tyco Electronics 1330-0607 series ribbon.
Features and benefits
I Thermal transfer printable
I Ideal for rating plate applications
I Ultra aggressive adhesive for application to textured and
powder coated surfaces
I UL Listed
Specifications/Approvals
Tyco Electronics
TTDS -118
Industry
UL MH17292 Group PGJI2
Adhesive
Permanent acrylic - High Tack
Service temperature
–40°C to +150°F
–40°F to +302°F
Recommended printer T300 Series printers
Recommended ribbon 1330-0607-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
HMM- 508254- 5 - 8A
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
HMM-095095-10-8A
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
HMM-127127-10-8A
10,000
5
12.7
0.500
12.7
0.500
15.9
0.625
15.9
0.625
82.6
3.250
* HMM-165051-25-8A
25,000
4
16.5
0.650
5.1
0.200
17.8
0.700
8.3
0.325
75.8
2.990
* HMM-191064-10-8A
10,000
4
19.1
0.750
6.4
0.250
21.6
0.850
9.5
0.375
89.9
3.540
HMM-229064-10-8A
10,000
3
22.9
0.900
6.4
0.250
28.6
1.125
9.5
0.375
86.0
3.390
HMM-254097-10-8A
10,000
3
25.4
1.000
9.7
0.380
27.9
1.100
12.7
0.500
87.4
3.440
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


Similar Part No. - M-203127-10-8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M-2032G ETC-M-2032G Datasheet
15Mb / 44P
   toggle switch
M-2033G ETC-M-2033G Datasheet
15Mb / 44P
   toggle switch
M-2035G ETC-M-2035G Datasheet
15Mb / 44P
   toggle switch
M-2038G ETC-M-2038G Datasheet
15Mb / 44P
   toggle switch
M-2039G ETC-M-2039G Datasheet
15Mb / 44P
   toggle switch
More results

Similar Description - M-203127-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com