Electronic Components Datasheet Search |
|
K-095095-10-1A Datasheet(PDF) 47 Page - Tyco Electronics |
|
K-095095-10-1A Datasheet(HTML) 47 Page - Tyco Electronics |
47 / 48 page 132 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 LE/LM/LEB2 Polyester labels Laser Ordering information LE Tyco Electronics LE is a white polyester film with a permanent acrylic adhesive and a special top-coat designed specifically for use with laser and ink jet printers. It is ideal for bar coding, PCB and component labeling, and general labeling applications requiring a white high durability label. LE offers high print resolution as well as good solvent and smudge resistance. LM Tyco Electronics LM is a metalized polyester film with a permanent acrylic adhesive and a special top-coat designed specifically for use with laser and ink jet printers. It is ideal for rating plate applications and other applications that require a ”metal look” such as nameplates and equipment labels to detail product information and serial numbers. Note: On large label formats, some curl may occur on printing due to duration of time in the laser printer. LEB2 LEB2, our A4 size symmetrically-designed laser and ink jet labels, guarantee a proper feeding in the paper tray. The label sheet can be used in both directions and is also usable for the stack function of your printer. The sheets can be used several times if partial label amounts need to be printed. Special surface coatings guarantee an extremely high aging-resistance of the printing image. Features and benefits I Laser printable I Exceptional durability and tear strength I Suitable for low volume applications I Excellent for bar code applications I Good resistance to common fluids and water I LM metalized appearance is ideal for rating plate applications. I LEB2 features symmetrical design – can be printed on from both top sides Specifications/Approvals Tyco Electronics LE TTDS-069 LM TTDS-070 Industry UL LM MH14363 Group PGGU2 Adhesive Permanent acrylic Service temperature –40°C to +150°C –40°F to +302°F |
Similar Part No. - K-095095-10-1A |
|
Similar Description - K-095095-10-1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |