Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W51-124-943991A Datasheet(PDF) 7 Page - ITT Industries

Part # W51-124-943991A
Description  Cannon 75 Ohm Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W51-124-943991A Datasheet(HTML) 7 Page - ITT Industries

  W51-124-943991A Datasheet HTML 1Page - ITT Industries W51-124-943991A Datasheet HTML 2Page - ITT Industries W51-124-943991A Datasheet HTML 3Page - ITT Industries W51-124-943991A Datasheet HTML 4Page - ITT Industries W51-124-943991A Datasheet HTML 5Page - ITT Industries W51-124-943991A Datasheet HTML 6Page - ITT Industries W51-124-943991A Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Cannon 75 Ohm Connectors
HDC 43 (SMZ)
11
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
HDC Coaxial U Links
9,40
(0.370)
12,70
(0.500)
Part Number
Industry Reference
055-181-9129AZ0
HDC Link 10A (without monitor port)
055-181-9139AZ0
HDC Link 10B (with -30dB monitor port)
LOOP FOR
EXTRACTOR
12,70
(0.500)
23,77
(0.936)
9,40
(0.370)


Similar Part No. - W51-124-943991A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5100 PULSE-W5100 Datasheet
1Mb / 9P
   On-ground BLE/NFC combo
logo
WIZnet Co., Ltd
W5100 WIZNET-W5100 Datasheet
1Mb / 72P
   Single-chip Internet-enabled 10/100 Ethernet Controller
logo
Bourns Electronic Solut...
W51000J BOURNS-W51000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
Pulse A Technitrol Comp...
W5101 PULSE-W5101 Datasheet
1Mb / 9P
   On-ground BLE/NFC combo
More results

Similar Description - W51-124-943991A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com