Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP490E Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP490E
Description  Enhanced Full Duplex RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP490E Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP490E Datasheet HTML 4Page - Sipex Corporation SP490E Datasheet HTML 5Page - Sipex Corporation SP490E Datasheet HTML 6Page - Sipex Corporation SP490E Datasheet HTML 7Page - Sipex Corporation SP490E Datasheet HTML 8Page - Sipex Corporation SP490E Datasheet HTML 9Page - Sipex Corporation SP490E Datasheet HTML 10Page - Sipex Corporation SP490E Datasheet HTML 11Page - Sipex Corporation SP490E Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SP490EDS/14
SP490E Enhanced Full Duplex RS-485 Transceivers
© Copyright 2000 Sipex Corporation
10
D
ALTERNATE
END PINS
(BOTH ENDS)
D1 = 0.005" min.
(0.127 min.)
E
PACKAGE: PLASTIC
DUAL–IN–LINE
(NARROW)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A = 0.210" max.
(5.334 max).
E1
C
Ø
L
A2
A1 = 0.015" min.
(0.381min.)
B
B1
e = 0.100 BSC
(2.540 BSC)
eA = 0.300 BSC
(7.620 BSC)
A2
B
B1
C
D
E
E1
L
Ø
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.735/0.775
(18.669/19.685)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.355/0.400
(9.017/10.160)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)
22–PIN
8–PIN
14–PIN
16–PIN
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
1.145/1.155
(29.083/29.337)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.780/0.800
(19.812/20.320)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)
18–PIN
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.880/0.920
(22.352/23.368)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)
20–PIN
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.980/1.060
(24.892/26.924)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)


Similar Part No. - SP490E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490E EXAR-SP490E Datasheet
811Kb / 15P
   Enhanced Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
More results

Similar Description - SP490E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP491EEN-L EXAR-SP491EEN-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
811Kb / 15P
   Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com