Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP574BA Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP574BA
Description  12-Bit Sampling A/D Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BA Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP574BA Datasheet HTML 6Page - Sipex Corporation SP574BA Datasheet HTML 7Page - Sipex Corporation SP574BA Datasheet HTML 8Page - Sipex Corporation SP574BA Datasheet HTML 9Page - Sipex Corporation SP574BA Datasheet HTML 10Page - Sipex Corporation SP574BA Datasheet HTML 11Page - Sipex Corporation SP574BA Datasheet HTML 12Page - Sipex Corporation SP574BA Datasheet HTML 13Page - Sipex Corporation SP574BA Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
10
A
0 may be toggled without damage to the con-
verter at any time. Break–before–make action is
guaranteed between the two data bytes. This as-
sures that the outputs which are strapped together
in Figure 5 will never be enabled at the same time.
In Figure 7, it can be seen that a read operation
usually begins after the conversion is complete and
STS is low. If earlier access is needed, the read can
begin no later than the addition of times t
DD and tHS
before STS goes low.
"NYQUIST" SAMPLING
Each of the SPx74B analog-to-digital convert-
ers has been designed to provide Nyquist sam-
pling (highest input frequency is 1/2 of the
sampling rate) data conversion with no degra-
dation in DC performance. This is shown in
Figure 10. Note that the Differential Linearity
and Integral Linearity min/max values are well
within the
± 1/2 LSB limits of a K-version
Converter. Also, the Typical FFT at Nyquist
rates shown on Figure 10 reflect the values
listed in the Typical AC Dynamics table.
STS
DELAY
R
CK
Q
D
H
D
CK
Q
Q
EOC8
EOC12
CE
R/C
A0
CS
12/8
READ CONTROL
A0 LATCH
INPUT BUFFERS
NIBBLE B ZERO
OVERRIDE
NIBBLE A, B
NIBBLE C
Figure 4. SPx74B Control Logic
28
27
26
25
24
23
22
21
20
19
18
17
16
15
STS
DB11 (MSB)
DB0 (LSB)
DIG
COM
SPx74B
2
4
A0
ADDRESS BUS
A0
12/8
DATA
BUS
Figure 5. Interfacing SPx74B to 8–Bit Interface Bus


Similar Part No. - SP574BA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
SP5748KG MITEL-SP5748KG Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
SP5748KGMP1S MITEL-SP5748KGMP1S Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
SP5748KGMP1T MITEL-SP5748KGMP1T Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
More results

Similar Description - SP574BA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com