Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007G Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1N4007G
Description  A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4007G Datasheet(HTML) 2 Page - Frontier Electronics.

  1N4007G Datasheet HTML 1Page - Frontier Electronics. 1N4007G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4001G THRU 1N4007G
Page: 1
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, (
℃)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01
.6
.8
1.0
1.2
1.4
1.5
INSTANTANEOUS FORWRD VOLTAGE, (V)
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
TJ=25℃
TJ=25℃
Pulse Width=300us
1% Duty Cycle
8.3ms Single Half Sine-Wave
(JEDEC Method)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
40
30
20
10
0
1
2
4
6
8 10
20
40
60
80100
NUMBER OF CYCLES AT 60HZ
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ=25℃
TJ=100℃


Similar Part No. - 1N4007G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4007G DIOTECH-1N4007G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4007G PHILIPS-1N4007G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Guangdong Juxing Electr...
1N4007G JUXING-1N4007G Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
Leshan Radio Company
1N4007G LRC-1N4007G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4007G LRC-1N4007G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Similar Description - 1N4007G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4001G-LFR FRONTIER-1N4001G-LFR Datasheet
121Kb / 2P
   A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Microdiode Electronics ...
1N4001SG CHENDA-1N4001SG_V01 Datasheet
615Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
1N4001G CHENDA-1N4001G_V02 Datasheet
667Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
General Semiconductor
NSB8AT GE-NSB8AT Datasheet
84Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NS8XT VISHAY-NS8XT Datasheet
136Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 09-Feb-15
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 20-Jan-14
logo
General Semiconductor
NS8AT GE-NS8AT Datasheet
73Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NS8AT VISHAY-NS8AT_07 Datasheet
132Kb / 5P
   Glass Passivated General Purpose Plastic Rectifier
Revision: 08-Nov-07
logo
Frontier Electronics.
GH60-005 FRONTIER-GH60-005 Datasheet
122Kb / 2P
   6A GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com