Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4933-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1N4933-LFR
Description  1A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4933-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  1N4933-LFR Datasheet HTML 1Page - Frontier Electronics. 1N4933-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4933-LFR THRU 1N4937-LFR
Page: 2
0
20
40
60
80
100
120
140
RATINGS AND CHARACTERISTIC CURVE 1N4933-LFR THRU 1N4937-LFR
1.0 CYCLE
Fig. 5-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=75
oC
8.3ms SINGLE HALF
SINE-WAVE JEDEC METHOD
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
FIG. 3-TYPICAL JUNCTION CAPACITANCE
f = 1 MHz
Vsig = 50 mVp-p
Tj=25
oC
20
10
1
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
TJ=100
oC
TJ=25
oC
100
10
1.0
0.1
.01
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 6-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
TA-AMBIENT TEMPERATURE (
OC)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40
60
80
100 120 140 160 180 200
1.0
0.8
0.6
0.4
0.2
0
I(pk)
I(AV)
=
π
RESISTIVE OR
INDUCTIVE LOAD
0.375”(9.5mm)
LEAD LENGTH
CAPACITIVE
LOAD
I(pk)
I(AV)
5
= 10
20


Similar Part No. - 1N4933-LFR

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4933-1N4937 SURGE-1N4933-1N4937 Datasheet
1Mb / 2P
   Fast switching for high efficiency
logo
Diodes Incorporated
1N4933-A DIODES-1N4933-A Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
1N4933-B DIODES-1N4933-B Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
DONGGUAN YOU FENG WEI E...
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Vishay Siliconix
1N4933-E3/54 VISHAY-1N4933-E3/54 Datasheet
677Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results

Similar Description - 1N4933-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BA157 FRONTIER-BA157 Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157G FRONTIER-BA157G Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005 FRONTIER-FR10-005 Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
1N4933S FRONTIER-1N4933S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005-LFR FRONTIER-FR10-005-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
1N4933 FRONTIER-1N4933 Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157-LFR FRONTIER-BA157-LFR Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157G-LFR FRONTIER-BA157G-LFR Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
R005-LFR FRONTIER-R005-LFR Datasheet
125Kb / 2P
   1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
HER101-LFR FRONTIER-HER101-LFR Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com