Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6680 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6680
Description  High Efficiency Buck/Boost Charge Pump Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6680 Datasheet HTML 1Page - Sipex Corporation SP6680 Datasheet HTML 2Page - Sipex Corporation SP6680 Datasheet HTML 3Page - Sipex Corporation SP6680 Datasheet HTML 4Page - Sipex Corporation SP6680 Datasheet HTML 5Page - Sipex Corporation SP6680 Datasheet HTML 6Page - Sipex Corporation SP6680 Datasheet HTML 7Page - Sipex Corporation SP6680 Datasheet HTML 8Page - Sipex Corporation SP6680 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
IN.........................................................-0.3V to +7.0V
V
OUT......................................................-0.3V to +7.0V
I
OUT....................................................................100mA
Storage Temperature........................-65˚C to +150˚C
Power Dissipation Per Package
10-pin mSOIC
(derate 8.84mW/OC above +70OC)..................720mW
Junction Temperature........................................125˚C
V
IN = +2.7 to +6.3V, fCLK = 32.768kHz, CIN = 4.7µF (ceramic), CF1 = CF2 = COUT = 2.2µF, (ESR = 0.03 Ω) and TAMB = -40°C to +85°C unless otherwise
noted.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
N
I
5
7
.
26
.
33
.
6V
I
,
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
Q
5
7
0
7
1
0
0
8
0
5
1
0
0
3
0
0
5
1
µA
f
P
M
U
P
f
=
K
L
C
4
/
f
K
L
C
f
=
P
M
U
P
V
N
I
V
2
.
4
=
f
P
M
U
P
f
=
K
L
C
8
x
V
o
t
n
i
t
n
e
r
r
u
C
h
s
u
R
-
n
I
N
I ,
I
H
S
U
R
N
I
0
0
5A
mV
<
V
7
.
2
N
I
1
e
t
o
N
,
V
3
.
6
<
I
,
t
n
e
r
r
u
C
f
f
O
F
F
O
4
.
40
1
µA
V
N
I
C
˚
0
7
+
o
t
C
˚
0
4
-
,
t
n
e
s
e
r
p
t
o
n
k
c
o
l
c
,
V
2
.
4
=
,
y
c
n
e
u
q
e
r
F
k
c
o
l
C
t
u
p
n
I
f
L
CK
8
6
7
.
2
3z
H
k)
y
ll
a
n
r
e
t
x
e
d
e
il
p
p
u
s
(
l
a
n
o
i
t
a
r
e
p
O
f
,
y
c
n
e
u
q
e
r
F
p
m
u
P
P
M
U
P
)
2
e
t
o
N
(
0
8
6
7
.
2
3
2
9
1
.
8
4
1
.
2
6
2
7
.
6
1
z
H
k
f
K
L
C
t
u
p
n
i
o
n
t
n
e
s
e
r
p
t
n
e
s
e
r
p
t
n
e
s
e
r
p
h
g
i
h
t
u
p
n
i
n
i
p
4
/
C
X
w
o
l
h
g
i
h
X
w
o
l
t
u
p
n
i
n
i
p
8
x
C
X
w
o
l
w
o
l
h
g
i
h
w
o
l
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
V
L
I
V
H
I
3
.
1
4
.
0V
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
t
n
e
r
r
u
C
t
u
p
n
I
I
)
w
o
l
(
N
I
I
)
h
g
i
h
(
N
I
1
.
0
0
.
1
0
1
0
1
µA
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
,
e
g
a
t
l
o
V
n
o
i
t
i
s
n
a
r
T
e
d
o
M
V
,
2
X
o
t
5
.
1
X
N
I
g
n
il
l
a
f
5
5
.
3
5
5
.
3
0
7
.
3
0
7
.
3
5
8
.
3
5
8
.
3
V
f
=
p
m
u
p
f
K
L
C
I
,
4
/
D
A
O
L
A
m
1
=
f
p
m
u
p
f
,
,
K
L
C
I
D
A
O
L
A
m
5
=
e
d
o
M
r
o
f
s
i
s
e
r
e
t
s
y
H
e
g
a
t
l
o
V
n
o
i
t
i
s
n
a
r
T
0
5p
p
V
mV
N
I
V
o
t
g
n
i
s
i
r
N
I
g
n
il
l
a
f
:
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
t
n
e
i
s
n
a
r
T
m
u
m
i
x
a
M
e
d
u
t
il
p
m
A5
.
1
5
.
1
5
.
1
%
I
D
A
O
L
0
0
1
µ
A
m
2
o
t
A
A
m
0
2
o
t
A
m
2
A
m
0
6
o
t
A
m
0
2
∆t
5µs
5µs
5µs
f
P
M
U
P
z
H
k
2
9
1
.
8
z
H
k
8
6
7
.
2
3
z
H
k
4
1
.
2
6
2
ELECTRICAL CHARA CTERISTICS


Similar Part No. - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680EB SIPEX-SP6680EB Datasheet
394Kb / 5P
   Evaluation Board Manual
SP6680EU SIPEX-SP6680EU Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680EU SIPEX-SP6680EU Datasheet
394Kb / 5P
   Evaluation Board Manual
SP6680EU/TR SIPEX-SP6680EU/TR Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
More results

Similar Description - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com