Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ48-LFR Datasheet(PDF) 5 Page - Frontier Electronics.

Part # 1.5SMCJ48-LFR
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1.5SMCJ48-LFR Datasheet(HTML) 5 Page - Frontier Electronics.

  1.5SMCJ48-LFR Datasheet HTML 1Page - Frontier Electronics. 1.5SMCJ48-LFR Datasheet HTML 2Page - Frontier Electronics. 1.5SMCJ48-LFR Datasheet HTML 3Page - Frontier Electronics. 1.5SMCJ48-LFR Datasheet HTML 4Page - Frontier Electronics. 1.5SMCJ48-LFR Datasheet HTML 5Page - Frontier Electronics. 1.5SMCJ48-LFR Datasheet HTML 6Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.5SMCJ5.0-LFR THRU 1.5SMCJ188A-LFR
Page: 5
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10
×1000 IMPULSE
△ VC=VC-V(
BR)
1.5SMCJ200-LF
1.5SMCJ 75-LF
1.5SMCJ 130-LF
1.5SMCJ 39-LF
1.5SMCJ 100-LF
1.5SMCJ 6.8-LF
1.5SMCJ 33-LF
1.5SMCJ 9.1-LF
1.5SMCJ 18-LF
1.5SMCJ 12-LF
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10
×1000 IMPULSE
△ VC=VC-V(
BR)
1.5SMCJ 200-LF
1.5SMCJ 130-LF
1.5SMCJ 39-LF
1.5SMCJ 33-LF
1.5SMCJ 6.8-LF
1.5SMCJ 9.1-LF
1.5SMCJ 75-LF
FIG. 10 - INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10
×1000 IMPULSE
△ VC=VC-V(
BR)
1.5SMCJ 200C-LF
1.5SMCJ 75C-LF
1.5SMCJ 39C-LF
1.5SMCJ 7.5C-LF
1.5SMCJ 11C-LF
1.5SMCJ 15C-LF
1.5SMCJ 30C-LF
0.5
1
2.0
10
20
50
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CIRVE
BIDIRECTIONAL
100
20
10
2.0
0.2
0.1
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10
×1000 IMPULSE
△ VC=VC-V(
BR)
1.5SMCJ 200C-LF
1.5SMCJ 30C-LF
1.5SMCJ 39C-LF
1.5SMCJ 75C-LF
1.5SMCJ 11C-LF
1.5SMCJ 7.5C-LF
1.5SMCJ 15C-LF


Similar Part No. - 1.5SMCJ48-LFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ48 PANJIT-1.5SMCJ48 Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ48 WTE-1.5SMCJ48 Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ48 DIOTEC-1.5SMCJ48 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5SMCJ48 WTE-1.5SMCJ48 Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ48 PANJIT-1.5SMCJ48 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ48-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com