Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL1-06 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BL1-06
Description  1A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BL1-06 Datasheet(HTML) 1 Page - Frontier Electronics.

  BL1-06 Datasheet HTML 1Page - Frontier Electronics. BL1-06 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BL1-005 THRU BL1-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http: //www.frontierusa.com
1A BRIDGE RECTIFIERS
BL1-005 THRU BL1-10
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
TYPICAL IR LESS THAN 1
μA
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED: 260°C/10 S
(9.5mm) LEAD LENGTH / 5LBS, (2.3KG) TENSION
SURGE OVERLOAD RATING: 30A PEAK
MECHANICAL DATA
CASE: VOID FREE PLASTIC PACKAGE, DIMENSIONS
IN MILLIMETERS (1mm = 0.0394”)
TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD-202
METHOD 208
MOUNTING POSITION: ANY
WEIGHT: 3.6 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BL1-005
BL1-01
BL1-02
BL1-04
BL1-06
BL1-08
BL1-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
.375
〞(9.5mm) LEAD LENGTH AT TA=55°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO+ 125
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
BL1-005
BL1-01
BL1-02
BL1-04
BL1-06
BL1-08
BL1-10 UNITS
MAXIMUM FORWARD VOLTAGE AT IO PER LEG
VF
1.0
V
MAXIMUM REVERSE CURRENT AT 25
°C
IR
10
μA
0.03
(0.8Ø)
0.100
(2.60)
85
±05
3.85
±0.5
1.27
.150
(3.8)
.150
(3.8)
.150
(3.8)
AC
16
±0.5
9.9 MIN
10
±0.5


Similar Part No. - BL1-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
logo
Bolymin, Inc
BL1002A BOLYMIN-BL1002A Datasheet
59Kb / 1P
   COB with metal frame 5x7 dots with cursor
logo
Vishay Siliconix
BL1040CT VISHAY-BL1040CT Datasheet
153Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 19-Sep-2018
logo
Applied Motion Products...
BL105-H03-G AMP-BL105-H03-G Datasheet
1Mb / 8P
   BLDC Motors & Drives
logo
SHANGHAI BELLING CO., L...
BL1062A1 BELLING-BL1062A1 Datasheet
253Kb / 7P
   Low voltage transmission circuits with dialer interface
More results

Similar Description - BL1-06

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF005 FRONTIER-DF005 Datasheet
120Kb / 2P
   1A BRIDGE RECTIFIERS
DF005-LFR FRONTIER-DF005-LFR Datasheet
120Kb / 2P
   1A BRIDGE RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB101F SECOS-MB101F Datasheet
210Kb / 2P
   100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS104G-T TSC-DBLS104G-T Datasheet
294Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2_16 Datasheet
218Kb / 4P
   1A, 200V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
DF101 CITC-DF101 Datasheet
91Kb / 3P
   1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com