Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAG3110 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  Three-Axis, Digital Magnetometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MAG3110 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Freescale Semiconductor
Document Number: MAG3110
Data Sheet: Technical Data
Rev. 8, 05/2012
An Energy Efficient Solution by Freescale
© 2011-2012 Freescale Semiconductor, Inc. All rights reserved.
Three-Axis,
Digital Magnetometer
Freescale’s MAG3110 is a small, low-power, digital 3-axis magnetometer.
The device can be used in conjunction with a 3-axis accelerometer to realize an
orientation independent electronic compass that can provide accurate heading
information. It features a standard I2C serial interface output and smart
embedded functions.
The MAG3110 is capable of measuring magnetic fields with an Output Data Rate
(ODR) up to 80 Hz; these output data rates correspond to sample intervals from
12 ms to several seconds.
The MAG3110 is available in a plastic DFN package and it is guaranteed to
operate over the extended temperature range of -40°C to +85°C.
Features
1.95V to 3.6V supply voltage (VDD)
1.62V to VDD IO Voltage (VDDIO)
Ultra small 2 mm by 2 mm by 0.85 mm, 0.4 mm pitch, 10-pin package
Full-scale range ±1000
μT
Sensitivity of 0.10
μT
Noise down to 0.25
μT rms
Output Data Rates (ODR) up to 80 Hz
•I2C digital output interface (operates up to 400 kHz Fast Mode)
•7-bit I2C address = 0x0E
One-shot triggered measurement mode to conserve power
RoHS compliant
Applications
Electronic Compass (eCompass)
Location-Based Services
Target Market
Smart phones, tablets, personal navigation devices, robotics, UAVs, speed
sensing, current sensing and wrist watches with embedded electronic compasses (eCompass) function.
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
MAG3110FCR1
-40°C to +85°C
DFN-10
Tape and Reel (1000)
MAG3110FCR2
-40°C to +85°C
DFN-10
Tape and Reel (4000)
10-PIN DFN
2 mm by 2 mm by 0.85 mm
CASE 2154-01
MAG3110
Top and Bottom View
Top View
Pin Connections
Cap-A
VDD
NC
Cap-R
GND
GND
INT1
SDA
VDDIO
SCL
1
2
3
4
5
10
9
8
7
6
MAG3110


Similar Part No. - MAG3110

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
MAG3110FCR1 NXP-MAG3110FCR1 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Freescale Semiconductor...
MAG3110FCR2 FREESCALE-MAG3110FCR2 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
More results

Similar Description - MAG3110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Honeywell Solid State E...
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
MultiDimension Technolo...
USB25103 MULTIDIMENSION-USB25103 Datasheet
545Kb / 5P
   USB2510-Three Axis High Field USB Magnetometer
Ver. 1.0a
USB27053 MULTIDIMENSION-USB27053 Datasheet
998Kb / 5P
   USB27053 – Three-Axis Low-Field USB Magnetometer
Ver. 1.0a
USB21023 MULTIDIMENSION-USB21023 Datasheet
998Kb / 5P
   USB21023 – Three-Axis Low-Field USB Magnetometer
Ver. 1.0a
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
STMicroelectronics
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
   Sensor module:3-axis accelerometer and 3-axis magnetometer
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
   High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com