Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC15XS3400DHFK Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC15XS3400DHFK
Description  Quad High Side Switch (Quad 15 mOhm)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400DHFK Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC15XS3400DHFK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400DHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
15XS3400
PIN CONNECTIONS
14, 17, 23
GND
Ground
Ground
These pins, internally shorted, are the ground for the logic and analog circuitry
of the device. These ground pins must be also shorted in the board.
15
VPWR
Power
Positive Power Supply This pin connects to the positive power supply and is the source of operational
power for the device.
16
SO
Output
Serial Output
This output pin is connected to the SPI serial data input pin of the MCU or to
the SI pin of the next device of a daisy
-chain of devices.
18
19
21
22
HS3
HS1
HS0
HS2
Output
High Side Outputs
Protected 15 m
Ω high side power output pins to the load.
4, 20
NC
N/A
No Connect
These pins may not be connected.
24
FSI
Input
Fail-safe Input
This input enables the watchdog timeout feature.
Table 2. 15XS3400 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 23.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition


Similar Part No. - MC15XS3400DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC15XS3400DPNA FREESCALE-MC15XS3400DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results

Similar Description - MC15XS3400DHFK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com