Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ60A(CA) Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMBJ60A(CA)
Description  SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMBJ60A(CA) Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMBJ60A(CA) Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ60A(CA) Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ60A(CA) Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
600W
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
SMBJ5.0 THRU SMBJ170CA
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 3
Device Type
设备类型
Device
marking
code
设备标示代码
Breakdown
voltage VBR@IT
击穿电压 VBR@IT
Testcurrent
当前测试
电流
Stand-off
voltage
关断电压
Maximum reverse
leakage@VWM
最大反向
电流@VWM
Maximum peak pulse
surge current
最大峰值浪涌电流
Maximum clamping
voltage@IPPM
最大箝位电压@IPPM
V
IT
VWM
ID
IPPM
VC
UNI
BI
MIN
MAX
mA
V
μA
A
V
(+)SMBJ5.0A(CA)
KE
KE
6.40
7.07
10
5.0
800
65.2
9.2
(+)SMBJ6.0A(CA)
KG
KG
6.67
7.37
10
6.0
800
58.3
10.3
(+)SMBJ6.5A(CA)
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
(+)SMBJ7.0A(CA)
KM
KM
7.78
8.60
10
7.0
200
50.0
12.0
(+)SMBJ7.5A(CA)
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
(+)SMBJ8.0A(CA)
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
(+)SMBJ8.5A(CA)
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
(+)SMBJ9.0A(CA)
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
(+)SMBJ10A(CA)
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
(+)SMBJ11A(CA)
KZ
KZ
12.2
13.5
1.0
11
5.0
33.0
18.2
(+)SMBJ12A(CA)
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.0
(+)SMBJ13A(CA)
LG
LG
14.4
15.9
1.0
13
1.0
27.9
21.5
(+)SMBJ14A(CA)
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
(+)SMBJ15A(CA)
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
(+)SMBJ16A(CA)
LP
LM
17.8
19.7
1.0
16
1.0
23.1
26.0
(+)SMBJ17A(CA)
LR
LR
18.9
20.9
1.0
17
1.0
21.7
27.6
(+)SMBJ18A(CA)
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
(+)SMBJ20A(CA)
LV
LV
22.2
24.5
1.0
20
1.0
18.5
32.4
(+)SMBJ22A(CA)
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
(+)SMBJ24A(CA)
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
(+)SMBJ26A(CA)
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
(+)SMBJ28A(CA)
MG
MG
31.1
34.4
1.0
28
1.0
13.2
45.4
(+)SMBJ30A(CA)
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
(+)SMBJ33A(CA)
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
(+)SMBJ36A(CA)
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
(+)SMBJ40A(CA)
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5
(+)SMBJ43A(CA)
MT
CT
47.8
52.8
1.0
43
1.0
8.6
69.4
(+)SMBJ45A(CA)
MV
MV
50.0
55.3
1.0
45
1.0
8.3
72.7
(+)SMBJ48A(CA)
MX
MX
53.3
58.9
1.0
48
1.0
7.8
77.4
(+)SMBJ51A(CA)
MZ
MZ
56.7
62.7
1.0
51
1.0
7.3
82.4
(+)SMBJ54A(CA)
NE
NE
60.0
66.3
1.0
54
1.0
6.9
87.1
(+)SMBJ58A(CA)
NG
NG
64.4
71.2
1.0
58
1.0
6.4
93.6
(+)SMBJ60A(CA)
NK
NK
66.7
73.7
1.0
60
1.0
6.2
96.8
(+)SMBJ64A(CA)
NM
NM
71.1
78.6
1.0
64
1.0
5.8
103
(+)SMBJ70A(CA)
NP
NP
77.8
86.0
1.0
70
1.0
5.3
113
(+)SMBJ75A(CA)
NR
NR
83.3
92.1
1.0
75
1.0
5.0
121
(+)SMBJ78A(CA)
NT
NT
86.7
95.8
1.0
78
1.0
4.8
126
(+)SMBJ85A(CA)
NV
NV
94.4
104
1.0
85
1.0
4.4
137
(+)SMBJ90A(CA)
NX
NX
100
111
1.0
90
1.0
4.1
146
(+)SMBJ100A(CA)
NZ
NZ
111
123
1.0
100
1.0
3.7
162
(+)SMBJ110A(CA)
PE
PE
122
135
1.0
110
1.0
3.4
177
(+)SMBJ120A(CA)
PG
PG
133
147
1.0
120
1.0
3.1
193
(+)SMBJ130A(CA)
PK
PK
144
159
1.0
130
1.0
2.9
209
(+)SMBJ150A(CA)
PM
PM
167
185
1.0
150
1.0
2.5
243
(+)SMBJ160A(CA)
PP
PP
178
197
1.0
160
1.0
2.3
259
(+)SMBJ170A(CA)
PR
PR
189
209
1.0
170
1.0
2.2
275
SMBJ188A(CA)
PS
PS
209
231
1.0
188
1.0
2.0
382


Similar Part No. - SMBJ60A(CA)

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ60A LITTELFUSE-SMBJ60A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Jiangsu High diode Semi...
SMBJ60A HDSEMI-SMBJ60A Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
SMBJ60A UMW-SMBJ60A Datasheet
628Kb / 4P
   5V-188V 600W
logo
Jinan Gude Electronic D...
SMBJ60A JGD-SMBJ60A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ60A(CA)

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMAJ5.0 TAYCHIPST-SMAJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
logo
First Silicon Co., Ltd
5.0SMDJ11A FS-5.0SMDJ11A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
5.0SMDJXXCA FS-5.0SMDJXXCA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com