Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2092 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2092
Description  700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2092 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2092 Datasheet HTML 1Page - Maxim Integrated Products MAX2092 Datasheet HTML 2Page - Maxim Integrated Products MAX2092 Datasheet HTML 3Page - Maxim Integrated Products MAX2092 Datasheet HTML 4Page - Maxim Integrated Products MAX2092 Datasheet HTML 5Page - Maxim Integrated Products MAX2092 Datasheet HTML 6Page - Maxim Integrated Products MAX2092 Datasheet HTML 7Page - Maxim Integrated Products MAX2092 Datasheet HTML 8Page - Maxim Integrated Products MAX2092 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
MAX2092
700MHz to 2700MHz Analog VGA with Threshold
Alarm Circuit and Error Amplifier for Level Control
Typical Operating Characteristics (continued)
(Typical Application Circuit with analog attenuator set to minimum attenuation, VCC = 4.75V to 5.8V, fRF = -16dBm, TC = -40°C to
+95°C, and RF ports are connected to 50Ω sources and loads, unless otherwise noted. Typical values are at TC = +25°C, VCC = 5.5V,
PRF = -16dBm, CTRL1 = 1, CTRL2 = 0, VPLVLSET = 2.5V, unless otherwise noted.)
GAIN vs. VPLVLSET SETTING
VPLVLSET (V)
2.0
1.5
1.0
0.5
-15
-5
5
15
25
-25
0
2.5
700MHz, 974MHz, 1835MHz, 2200MHz
2700MHz
S11 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
-30
-20
-10
0
-40
700
2700
TC = +95°C
TC = -40°C
TC = +25°C
S11 vs. VPLVLSET SETTING
VPLVLSET (V)
2.0
1.5
1.0
0.5
-20
-10
0
-30
0
2.5
2700MHz
700MHz
2200MHz
974MHz
1835MHz
S22 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
-30
-20
-10
0
-40
700
2700
TC = +25°C
TC = -40°C
TC = +95°C
S22 vs. VPLVLSET SETTING
VPLVLSET (V)
2.0
1.5
1.0
0.5
-20
-10
0
-30
0
2.5
2700MHz
700MHz
2200MHz
974MHz
1835MHz
REVERSE-ISOLATION OVER VPLVLSET
SETTING vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
30
40
50
60
70
80
20
700
2700
VPLVLSET = 0V
VPLVLSET = 2.5V
GAIN vs. VPLVLSET SETTING
VPLVLSET (V)
2.0
1.5
1.0
0.5
-15
-5
5
15
25
-25
0
2.5
fRF = 1835MHz
TC = -40°C, +25°C, +95°C
GAIN vs. VPLVLSET SETTING
VPLVLSET (V)
2.0
1.5
1.0
0.5
-15
-5
5
15
25
-25
0
2.5
fRF = 974MHz
TC = -40°C, +25°C, +95°C
GAIN vs. VPLVLSET SETTING
VPLVLSET (V)
2.0
1.5
1.0
0.5
-15
-5
5
15
25
-25
0
2.5
fRF = 700MHz
TC = -40°C, +25°C, +95°C


Similar Part No. - MAX2092

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX209 MAXIM-MAX209 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX209 MAXIM-MAX209 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX209 MAXIM-MAX209 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX209 ARTSCHIP-MAX209 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX209 MAXIM-MAX209 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2092

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2090 MAXIM-MAX2090 Datasheet
1Mb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 1; 9/12
MAX2090 MAXIM-MAX2090_V01 Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
MAX2091 MAXIM-MAX2091 Datasheet
5Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Rev 0; 7/12
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
RF Micro Devices
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com