Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2092ETP+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2092ETP+
Description  700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2092ETP+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2092ETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 10Page - Maxim Integrated Products MAX2092ETP+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
MAX2092
700MHz to 2700MHz Analog VGA with Threshold
Alarm Circuit and Error Amplifier for Level Control
Typical Operating Characteristics (continued)
(Typical Application Circuit with analog attenuator set to minimum attenuation, VCC = 4.75V to 5.8V, fRF = -16dBm, TC = -40°C to
+95°C, and RF ports are connected to 50Ω sources and loads, unless otherwise noted. Typical values are at TC = +25°C, VCC = 5.5V,
PRF = -16dBm, CTRL1 = 1, CTRL2 = 0, VPLVLSET = 2.5V, unless otherwise noted.)
OUTPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
17
18
19
20
15
16
700
2700
VCC = 4.75V
VCC = 5.50V
VCC = 5.80V
VCC = 5.25V
VCC = 5.00V
2nd HARMONIC vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
45
55
65
35
700
2700
TC = +95°C
TC = -40°C
TC = +25°C
POUT = 5dBm
2nd HARMONIC vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
700
2700
POUT = 5dBm
45
55
65
35
VCC = 4.75V
VCC = 5.50V
VCC = 5.80V
VCC = 5.00V
2nd HARMONIC vs. VPLVLSET SETTING
(CONSTANT POUT)
VPLVLSET (V)
2.1
1.7
1.3
0.9
2.5
fRF = 1835MHz
POUT = 5dBm
45
55
65
35
TC = +95°C
TC = -40°C
TC = +25°C
2nd HARMONIC vs. VPLVLSET SETTING
(CONSTANT PIN)
VPLVLSET (V)
1.50
1.25
1.00
0.75
1.75
fRF = 1835MHz
PIN = -6dBm
60
80
90
40
50
70
TC = +95°C
TC = -40°C
TC = +25°C
3rd HARMONIC vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
50
60
70
80
40
700
2700
TC = +95°C
TC = +25°C
TC = -40°C
POUT = 5dBm
3rd HARMONIC vs. RF FREQUENCY
RF FREQUENCY (MHz)
2200
1700
1200
50
60
70
80
40
700
2700
VCC = 4.75V, 5.00V, 5.50V, 5.80V
POUT = 5dBm
3rd HARMONIC vs. VPLVLSET SETTING
(CONSTANT POUT)
VPLVLSET (V)
2.1
1.7
1.3
50
60
70
80
40
0.9
2.5
fRF = 1835MHz
POUT = 5dBm
TC = +95°C
TC = -40°C
TC = +25°C
3rd HARMONIC vs. VPLVLSET SETTING
(CONSTANT PIN)
VPLVLSET (V)
1.50
1.25
1.00
60
70
80
90
100
110
50
0.75
1.75
fRF = 1835MHz
PIN = -6dBm
TC = +95°C
TC = -40°C
TC = +25°C


Similar Part No. - MAX2092ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX209 MAXIM-MAX209 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX209 MAXIM-MAX209 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX209 MAXIM-MAX209 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX209 ARTSCHIP-MAX209 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX209 MAXIM-MAX209 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2092ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2090 MAXIM-MAX2090 Datasheet
1Mb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 1; 9/12
MAX2090 MAXIM-MAX2090_V01 Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
MAX2091 MAXIM-MAX2091 Datasheet
5Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Rev 0; 7/12
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
RF Micro Devices
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com