Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1821S+R Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1821S+R
Description  Programmable Digital Thermostat and Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1821S+R Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1821S+R Datasheet HTML 1Page - Maxim Integrated Products DS1821S+R Datasheet HTML 2Page - Maxim Integrated Products DS1821S+R Datasheet HTML 3Page - Maxim Integrated Products DS1821S+R Datasheet HTML 4Page - Maxim Integrated Products DS1821S+R Datasheet HTML 5Page - Maxim Integrated Products DS1821S+R Datasheet HTML 6Page - Maxim Integrated Products DS1821S+R Datasheet HTML 7Page - Maxim Integrated Products DS1821S+R Datasheet HTML 8Page - Maxim Integrated Products DS1821S+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS1821
3 of 19
DS1821 BLOCK DIAGRAM Figure 1
TEMPERATURE SENSOR FUNCTIONALITY
The core functionality of the DS1821 is its proprietary direct-to-digital temperature sensor, which
provides 8-bit (1°C increment) centigrade temperature readings over the range of -55°C to +125°C.
A block diagram of the temperature measurement circuitry is shown in Figure 2. This circuit measures
the temperature by counting the number of clock cycles generated by an oscillator with a low temperature
coefficient (temp-co) during a gate period determined by a high temp-co oscillator. The low temp-co
counter is preset with a base count that corresponds to –55°C. If the counter reaches 0 before the gate
period is over, the temperature register, which is preset to –55°C, is incremented by one degree, and the
counter is again preset with a starting value determined by the slope accumulator circuitry. The preset
counter value is unique for every temperature increment and compensates for the parabolic behavior of
the oscillators over temperature.
At this time, the counter is clocked again until it reaches 0. If the gate period is not over when the counter
reaches 0, the temperature register is incremented again. This process of presetting the counter, counting
down to zero, and incrementing the temperature register is repeated until the counter takes less time to
reach zero than the duration of the gate period of the high temp-co oscillator. When this iterative process
is complete, the value in the temperature register will indicate the centigrade temperature of the device.
VDD
4.7K
DQ
GND
TH REGISTER
TL REGISTER
CONFIGURATION REGISTER
AND CONTROL LOGIC
TEMPERATURE SENSOR
1-WIRE
INTERFACE
AND
I/O CONTROL
VDD
POWER
SUPPLY
SENSE
DIGITAL
COMPARATOR/
LOGIC
DS1821


Similar Part No. - DS1821S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821S++ DALLAS-DS1821S+ Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
DS1821S+TR DALLAS-DS1821S+TR Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
More results

Similar Description - DS1821S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com