Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2750EUA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2750EUA+
Description  2.4GHz Monolithic Voltage-Controlled Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750EUA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2750EUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2750EUA+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2.4GHz Monolithic
Voltage-Controlled Oscillators
3
Note 1: Specifications are production tested at TA = +25
°C. Limits over temperature are guaranteed by design and characterization.
Note 2: Tuning gain is measured at the oscillator’s guaranteed frequency limits.
Note 3: Turn-on time to within 3dB of final output power
Note 4: Turn-off time to output power of -10dBm.
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2750/MAX2751/MAX2752 EV kit, VCC = +2.7V to +5.5V, VTUNE = +0.4V to +2.4V, V SHDN
≤ +2V, OUT = connected to 50Ω load,
TA = +25°C. Typical values are at VCC = +3.0V, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Pulling
VSWR = 2:1, all phases
4
MHzp-p
Supply Pushing
VCC stepped: +3.3V to +2.8V
1.3
MHz/V
Oscillator Turn-On Time (Note 3)
Exiting shutdown
8
μs
Oscillator Turn-Off Time (Note 4)
Entering shutdown
5
μs
7
8
10
9
13
14
12
11
15
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
MAX2750/MAX2751/MAX2752
SUPPLY CURRENT vs. TEMPERATURE
MAX2750
MAX2752
MAX2751
0
0.1
0.3
0.2
0.4
0.5
-40
0
-20
20
40
60
80
TEMPERATURE (
°C)
MAX2750/MAX2751/MAX2752
SHUTDOWN CURRENT vs. TEMPERATURE
0
0.2
0.4
0.8
0.6
1.0
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
MAX2750/MAX2751/MAX2752
TUNING CURRENT vs. TEMPERATURE
2200
2300
2400
2500
2600
0
1.0
0.5
1.5
2.0
2.5
3.0
VTUNE (V)
MAX2750
VCO TUNING CURVE
TA = +85
°C
TA = +25
°C
TA = -40
°C
1850
1950
2050
2150
2250
2350
0
0.5
1.0
1.5
2.0
2.5
3.0
VTUNE (V)
MAX2751
VCO TUNING CURVE
TA = +85
°C
TA = +25
°C
TA = -40
°C
1850
1950
2050
2150
2250
2350
0
0.5
1.0
1.5
2.0
2.5
3.0
VTUNE (V)
MAX2752
VCO TUNING CURVE
TA = +85
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics
(Circuit of Figure 1, VCC = +3.0V, VTUNE = +0.4V to +2.4V, V SHDN
≤ 2V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2750EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750EUA MAXIM-MAX2750EUA Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
More results

Similar Description - MAX2750EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2622 MAXIM-MAX2622_V01 Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
MAX2750AUA MAXIM-MAX2750AUA_V01 Datasheet
715Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillator
2015
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com