Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3710 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3710
Description  125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3710 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3710 Datasheet HTML 2Page - Maxim Integrated Products MAX3710 Datasheet HTML 3Page - Maxim Integrated Products MAX3710 Datasheet HTML 4Page - Maxim Integrated Products MAX3710 Datasheet HTML 5Page - Maxim Integrated Products MAX3710 Datasheet HTML 6Page - Maxim Integrated Products MAX3710 Datasheet HTML 7Page - Maxim Integrated Products MAX3710 Datasheet HTML 8Page - Maxim Integrated Products MAX3710 Datasheet HTML 9Page - Maxim Integrated Products MAX3710 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
125Mbps to 2.5Gbps, Integrated Limiting Amplifier/
Burst Mode Laser Driver with Dual-Loop
Power Control
MAX3710
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.97V to +3.63V, TA = -40°C to +95°C; CML receiver output is AC-coupled to differential 100Ω load; registers are set to default
values, unless implied by test conditions. Typical values are at VCC = +3.3V, TA = +25°C, data rate = 2.5Gbps, IBIAS = 20mA, and
IMOD = 40mA, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MD Current Monitor/BMON
Activation Time
From the rising edge of the final SCL
clock of the 3-wire cycle to 90% of
steady state at BMON
100
ns
SAFETY FEATURES
Fault Threshold Voltage at
TOUT
VTOUT
Fault always occurs for VTOUT < 0.35V,
fault never occurs for VTOUT R 0.55V
0.35
0.55
V
Fault Threshold Voltage at
MDIN
VMDIN
Fault always occurs for VMDIN < 0.3V,
fault never occurs for VMDIN R 0.5V
0.3
0.5
V
Fault Threshold Voltage at
IOUT
Fault always occurs for VIOUT < VCCTO
- 1.7V, fault never occurs for VIOUT R
VCCTO - 1.45V, VCCTO = 3.3V
VCCTO
- 1.7
VCCTO
- 1.45
V
Warning Threshold Voltage at
BEN (Differential Voltage)
Warning occurs if |(BEN+) - (BEN-)| <
20mV and never occurs if |(BEN+) -
(BEN-)| R 100mV
20
100
mV
Warning Threshold Voltage at
BEN (Common-Mode Voltage)
Warning occurs if both BEN+ and BEN-
fall below 880mV
880
mV
Fault Threshold Voltage at
VCCTO
Fault always occurs for VCCTO < 2V; fault
never occurs for VCCTO R 2.95V
2
2.95
V
Maximum Laser Current in
Disable State or Burst-Off State
Combined total current into TOUT during
fault, DISABLE = 1, TX_EN = 0, or
BEN = 0
100
F
A
Tx TIMING SPECIFICATIONS
DPC Loop Initialization Time
tAPCINIT
IBIAS = 40mA and IMOD = 60mA,
IBIAS_INT = 8mA, time from restart to
IBIAS and IMOD at 90% of steady state
3
F
s
Burst Enable Time
tBSTART
Time from 50% of BENQ input signal to
IBIAS and IMOD at 90% of steady state
(Note 2)
2
ns
Burst Disable Time
tBSTOP
Time from 50% of BENQ input signal to
IBIAS and IMOD at 10% of steady state
(Note 2)
2
ns
Minimum Burst-On Time to
Update BIAS and MOD
tBRSTON
MDON_DLY[1:0] = 00 (Note 2)
60
100
ns
Minimum Burst-Off Time to
Update BIAS and MOD
tBRSTOFF
(Note 2)
110
200
ns
DISABLE Assert Time
tOFF
Time from rising edge of DISABLE input
signal to IBIAS and IMOD at 10% of
steady state (Note 2)
30
100
ns


Similar Part No. - MAX3710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3711 MAXIM-MAX3711 Datasheet
2Mb / 54P
   125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Rev 0; 9/11
MAX3711ETG++ MAXIM-MAX3711ETG+ Datasheet
2Mb / 54P
   125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Rev 0; 9/11
More results

Similar Description - MAX3710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3711 MAXIM-MAX3711 Datasheet
2Mb / 54P
   125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Rev 0; 9/11
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com