Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1976AETA+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1976AETA+T
Description  Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1976AETA+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1976AETA+T Datasheet HTML 1Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 2Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 3Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 4Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 5Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 6Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 7Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 8Page - Maxim Integrated Products MAX1976AETA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX1963A/MAX1976A low-dropout linear regula-
tors operate from a +1.62V to +3.6V supply and deliver
a guaranteed 300mA continuous load current with a low
100mV dropout. The high-accuracy (±0.5%) output
voltage is preset to an internally trimmed voltage in the
+0.75V to +3.0V range. An active-low, open-drain reset
output remains asserted for at least 2.2ms (MAX1963A)
or 70ms (MAX1976A) after the output voltage reaches
regulation. These devices are offered in thin SOT23 and
thin DFN packages. An internal pMOS pass transistor
allows the low supply current to remain independent of
load and dropout voltage, making these devices ideal for
portable battery-powered equipment.
Applications
Notebook/Handheld Computers
Cellular/Smart/PDA Phones
DSC, CD/MP3 Players
PCMCIA Cards
Features
o Low 1.62V Minimum Input Voltage
o Guaranteed 300mA Output Current
o ±2.5% Accuracy Over Load/Line/Temp
o Low 100mV Dropout at 300mA Load
o 2.2ms (MAX1963A) or 70ms (MAX1976A)
RESET Output Flag
o Supply Current Independent of Load and
Dropout Voltage
o Logic-Controlled Shutdown
o Thermal-Overload and Short-Circuit Protection
o Preset Output Voltages (0.75V to 3.0V)
o Tiny 6-Pin Thin SOT23 Package (<1.1mm High)
o TDFN Package (<0.8mm High)
Low-Input-Voltage, 300mA LDO Regulators
with
RESET in SOT and TDFN
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3684; Rev 1; 5/12
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
TEMP RANGE
PIN-PACKAGE
MAX1963AEZT_ _ _+T
-40°C to +85°C 6 Thin SOT23-6
MAX1963AETT_ _ _+T
-40°C to +85°C 6 TDFN-6 3mm x 3mm
MAX1963AETA_ _ _+T
-40°C to +85°C 8 TDFN-8 2mm x 2mm
MAX1976AEZT_ _ _+T
-40°C to +85°C 6 Thin SOT23-6
MAX1976AETT_ _ _+T
-40°C to +85°C 6 TDFN-6 3mm x 3mm
MAX1976AETA_ _ _+T
-40°C to +85°C 8 TDFN-8 2mm x 2mm
MAX1976AETT_ _ _/V+T
-40°C to +85°C 6 TDFN-6 3mm x 3mm
TOP VIEW
TDFN
3mm x 3mm
12
3
65
4
MAX1963A
MAX1976A
GND
RESET
SHDN
1
+
+
+
6 OUT
IN
MAX1963A
MAX1976A
THIN SOT23
2
3
4
I.C.
5
TDFN
2mm x 2mm
12
3
4
87
6
5
MAX1963A
MAX1976A
Pin Configurations
*
Insert the desired three-digit suffix (see the Selector Guide) into
the blanks to complete the part number. Contact the factory for
other output voltages.
Selector Guide appears at end of data sheet.
MAX1963A
MAX1976A
INPUT
1.62V TO 3.6V
COUT
4.7
µF
ON
OFF
IN
CIN
1
µF
UP TO
300mA
SHDN
GND
OUTPUT
0.75V TO 3.0V
LOGIC
SUPPLY
100k
TO
µC
OUT
RESET
Typical Operating Circuit
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive-qualified part.


Similar Part No. - MAX1976AETA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1976AETA MAXIM-MAX1976AETA Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
More results

Similar Description - MAX1976AETA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963 MAXIM-MAX1963 Datasheet
354Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Rev 0; 10/03
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589 MAXIM-MAX1589_07 Datasheet
301Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Rev 2; 10/07
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Micrel Semiconductor
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com