Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP706TEU Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP706TEU
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706TEU Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP706TEU Datasheet HTML 6Page - Sipex Corporation SP706TEU Datasheet HTML 7Page - Sipex Corporation SP706TEU Datasheet HTML 8Page - Sipex Corporation SP706TEU Datasheet HTML 9Page - Sipex Corporation SP706TEU Datasheet HTML 10Page - Sipex Corporation SP706TEU Datasheet HTML 11Page - Sipex Corporation SP706TEU Datasheet HTML 12Page - Sipex Corporation SP706TEU Datasheet HTML 13Page - Sipex Corporation SP706TEU Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
the reset threshold, an internal timer releases
RESET after 200ms. RESET pulses LOW when-
ever V
CC dips below the reset threshold, such as
in a brownout condition. When a brownout
condition occurs in the middle of a previously
initiated reset pulse, the pulse continues for at
least another 140ms. During power-down, once
V
CC falls below the reset threshold, RESET
stays LOW and is guaranteed to be 0.4V or less
until V
CC drops below 1V.
The active-HIGH RESET output is simply
the complement of the RESET output and is
guaranteed to be valid with V
CC down to 1.1V.
Some
µPs, such as Intel's 80C51, require an
active-HIGH reset pulse.
Watchdog Timer
The SP706P/R/S/T-SP708R/S/T series watchdog
circuit monitors the
µP's activity. If the µP does
not toggle the watchdog input (WDI) within 1.6
seconds and WDI is not tri-stated, WDO goes
LOW. As long as RESET is asserted or the WDI
input is tri-stated, the watchdog timer will stay
cleared and will not count. As soon as RESET
is released and WDI is driven HIGH or LOW,
the timer will start counting. Pulses as short as
50ns can be detected.
Typically, WDO will be connected to the
non-maskable interrupt input (NMI) of a
µP.
When V
CC drops below the reset threshold, WDO
will go LOW independent of the current status
of the watchdog timer. Normally this would
trigger an NMI but RESET goes LOW simulta-
neously, and thus overrides the NMI.
If WDI is left unconnected, WDO can be used as
a low-line output. Since floating WDI disables
the internal timer, WDO goes LOW only when
V
CC
falls below the reset threshold, thus
functioning as a low-line output.
Power-Fail Comparator
The power-fail comparator can be used for
various purposes because its output and
noninverting input are not internally connected.
The inverting input is internally connected to
a 1.25V reference.
FEATURES
The SP706P/R/S/T-SP708R/S/T series provides
four key functions:
1. A reset output during power-up, power-down
and brownout conditions.
2. An independent watchdog output that goes
LOW if the watchdog input has not been toggled
within 1.6 sec.
3. A 1.25V threshold detector for power-fail
warning, low battery detection, or monitoring a
power supply other than +3.3V/+3.0V.
4. An active-LOW manual-reset that allows
RESET to be triggered by a pushbutton switch.
The SP706R/S/T devices are the same as the
SP708R/S/T devices except for the active-HIGH
RESET substitution of the watchdog timer. The
SP706P device is the same as the SP706R de-
vice except an active-HIGH RESET is provided
rather than an active-LOW RESET.
THEORY OF OPERATION
The SP706P/R/S/T-SP708R/S/T series is a mi-
croprocessor (
µP) supervisory circuit that moni-
tors the power supplied to digital circuits such
as microprocessors, microcontrollers, or
memory. The series is an ideal solution for
portable, battery-powered equipment that re-
quires power supply monitoring. Implementing
this series will reduce the number of compo-
nents and overall complexity of a system. The
watchdog functions of this product family will
continuously oversee the operational status of a
system. The operational features and benefits of
the SP706P/R/S/T-SP708R/S/T series are de-
scribed, in more detail, below.
RESET Output
A microprocessor's reset input starts the
µP
in a known state. The SP706P/R/S/T-SP708R/
S/T series asserts reset during power-up and
prevents code execution errors during power-
down or brownout conditions.
During power-up, once V
CC reaches 1V, RESET
is a guaranteed logic LOW of 0.4V or less. As
V
CC
rises, RESET stays LOW. When V
CC rises above


Similar Part No. - SP706TEU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706TEU SIPEX-SP706TEU Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706TEU SIPEX-SP706TEU Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706TEU-L EXAR-SP706TEU-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706TEU-L/TR EXAR-SP706TEU-L/TR Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP706TEU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706REU-L EXAR-SP706REU-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com