Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3468CPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3468CPA
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3468CPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3468CPA Datasheet HTML 5Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 6Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 7Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 8Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 9Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 10Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 11Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 12Page - Maxim Integrated Products MAX3468CPA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
9
Detailed Description
The MAX3465–MAX3469 high-speed transceivers for
RS-485/RS-422 communication contain one driver and
one receiver. These devices feature true fail-safe cir-
cuitry, which guarantees a logic-high receiver output
when the receiver inputs are open or shorted, or when
they are connected to a terminated transmission line
with all drivers disabled (see the
True Fail-Safe sec-
tion). The MAX3465–MAX3469’s driver slew rates allow
transmit speeds up to 40Mbps.
The MAX3468 and MAX3469 are half-duplex trans-
ceivers, while the MAX3465, MAX3466, and MAX3467
are full-duplex transceivers. All of these parts operate
from a single +5V supply. Drivers are output short-cir-
cuit current limited. Thermal-shutdown circuitry protects
drivers against excessive power dissipation. When acti-
vated, the thermal-shutdown circuitry places the driver
outputs into a high-impedance state. The MAX3465
and MAX3468 devices have a hot-swap input structure
that prevents disturbances on the differential signal
lines when a circuit board is plugged into a hot back-
plane (see the
Hot-Swap Capability section). All
devices have output levels that are compatible with
Profibus standards.
True Fail-Safe
The MAX3465–MAX3469 guarantee a logic-high receiv-
er output when the receiver inputs are shorted or open,
or when they are connected to a terminated transmis-
sion line with all drivers disabled. This is done by set-
ting the receiver threshold between -50mV and
-200mV. If the differential receiver input voltage (A - B)
is greater than or equal to -50mV, RO is logic high. If
A - B is less than or equal to -200mV, RO is logic low. In
the case of a terminated bus with all transmitters dis-
abled, the receiver’s differential input voltage is pulled
to 0V by the termination. With the receiver thresholds of
the MAX3465–MAX3469, this results in a logic high with
a 50mV minimum noise margin. Unlike previous true
fail-safe devices, the -50mV to -200mV threshold com-
plies with the ±200mV EIA/TIA-485 standard.
Hot-Swap Capability
Hot-Swap Inputs
When circuit boards are inserted into a “hot” or pow-
ered backplane, disturbances to the enable and differ-
ential receiver inputs can lead to data errors. Upon
initial circuit board insertion, the processor undergoes
its power-up sequence. During this period, the proces-
sor output drivers are high impedance and are unable
to drive the DE input of the MAX3465/MAX3468 to a
defined logic level. Leakage currents up to 10µA from the
high-impedance output could cause DE to drift to an
incorrect logic state. Additionally, parasitic circuit board
capacitance could cause coupling of VCC or GND to DE.
These factors could improperly enable the driver.
When VCC rises, an internal pulldown circuit holds DE
low for around 15µs. After the initial power-up
sequence, the pulldown circuit becomes transparent,
resetting the hot-swap-tolerable input.
Hot-Swap Input Circuitry
The MAX3465/MAX3468 enable inputs feature hot-swap
capability. At the input there are two NMOS devices, M1
and M2 (Figure 4). When VCC ramps from 0, an internal
15µs timer turns on M2 and sets the SR latch, which
also turns on M1. Transistors M2, a 2mA current sink,
and M1, a 100µA current sink, pull DE to GND through a
5.6k
Ω resistor. M2 is designed to pull DE to the disabled
state against an external parasitic capacitance up to
100pF that can drive DE high. After 15µs, the timer
deactivates M2 while M1 remains on, holding DE low
against three-state leakages that can drive DE high. M1
remains on until an external source overcomes the
required input current. At this time, the SR latch resets
and M1 turns off. When M1 turns off, DE reverts to a
standard, high-impedance CMOS input. Whenever VCC
drops below 1V, the hot-swap input is reset.
For RE there is a complementary circuit employing two
PMOS devices pulling to VCC.
VCC
TIMER
TIMER
EN
DE
(HOT SWAP)
15
μs
100
μA
M1
M2
5.6k
Ω
2mA
Figure 4. Simplified Structure of the Driver Enable Pin (DE)


Similar Part No. - MAX3468CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3468CPA MAXIM-MAX3468CPA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3468CPA MAXIM-MAX3468CPA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results

Similar Description - MAX3468CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com