Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM150-N Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FM150-N
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FM150-N Datasheet(HTML) 2 Page - Frontier Electronics.

  FM150-N Datasheet HTML 1Page - Frontier Electronics. FM150-N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FM120-N THRU FM160-N
Page: 2
RATINGS AND CHARACTERISTIC CURVE FM120-N THRU FM160-N
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
.75
.50
.25
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3
.5
.7
.9
1.1 1.3 1.5 1.7 1.9
2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125
TJ=75
TJ=25
Fig. 4 - MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=75
oC
8.3ms SINGLE HALF
SINE-WAVE JEDEC
METHOD
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
FM150-N~FM160-N
FM120-N~FM140-N


Similar Part No. - FM150-N

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM150-N FORMOSA-FM150-N Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM150-N FORMOSA-FM150-N Datasheet
37Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM150-N PACELEADER-FM150-N Datasheet
213Kb / 3P
   CHIIIP SCHOTTKY BARRIIIER RECTIIIFIIIER
More results

Similar Description - FM150-N

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com