Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC18A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1.5SMC18A
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1.5SMC18A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1.5SMC18A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5SMC18A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5SMC18A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5SMC18A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
- 542 -
SMC/DO-214AB
Features
For surface mounted application in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps from 0
volt to BV min.
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
Plastic material used carries Underwriters Laboratory
Flammability Classification 94V-0
1500 watts peak pulse power capability with a 10 x
1000 us waveform by 0.01% duty cycle
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Weight: 0.21gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms ( Note 1)
PPK
Minimum 1500
Watts
Power Dissipation on Intinite Heatsink, TA=50
oC
PM(AV)
6.5
W
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3) - Unidirectional Only
IFSM
200
Amps
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
50
oC/W
Thermal Resistance Junction to Leads
RθJL
15
oC/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on 8.0mm
2 (.013mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute
Maximum.
4. Mounted on 5.0mm
2(.013mm thick) land areas.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types 1.5SMC6.8 through Types 1.5SMC200A.
2. Electrical Characteristics Apply in Both Directions.
1.5SMC SERIES
1500 Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1.5SMC18A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1.5SMC18A BOURNS-1.5SMC18A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Central Semiconductor C...
1.5SMC18A CENTRAL-1.5SMC18A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Nantong Hornby Electron...
1.5SMC18A HORNBY-1.5SMC18A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC18A VISHAY-1.5SMC18A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
1.5SMC18A VISHAY-1.5SMC18A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC18A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0_1 Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com