Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY228 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BY228
Description  Standard Avalanche Sinterglass Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BY228 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BY228 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BY228 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BY228 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Dimensions in mm
Figure 5. Max. Reverse Power Dissipation vs. Junction
Temperature
0
50
100
150
200
250
300
350
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
16410
VR = VRRM
PR–Limit
@100%VR
PR–Limit
@80%VR
Figure 6. Diode Capacitance vs. Reverse Voltage
0
10
20
30
40
50
60
70
0.1
1.0
10.0
100.0
VR – Reverse Voltage ( V )
16411
f=1MHz
Cathode Identification
∅ 4.3 max.
∅ 1.35 max.
4.2 max.
Sintered Glass Case
SOD 64
Weight max. 1.0g
technical drawings
according to DIN
specifications
94 9587
26 min.
26 min.
BY228
Standard Avalanche Sinterglass Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BY228

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
123Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BY228 VISHAY-BY228 Datasheet
35Kb / 3P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
   CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
More results

Similar Description - BY228

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com