Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX116M1-3.3 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX116M1-3.3
Description  Low Dropout Voltage Three Terminal Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX116M1-3.3 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX116M1-3.3 Datasheet HTML 1Page - Sipex Corporation SPX116M1-3.3 Datasheet HTML 2Page - Sipex Corporation SPX116M1-3.3 Datasheet HTML 3Page - Sipex Corporation SPX116M1-3.3 Datasheet HTML 4Page - Sipex Corporation SPX116M1-3.3 Datasheet HTML 5Page - Sipex Corporation SPX116M1-3.3 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPX116
Rev. 8/21/01
SPX116 Low Dropout Voltage Three Terminal Regulator
©Copyright 2001 Sipex Corporation
3
TYPICAL CHARACTERISTICS Continued
1.0
0
20
40
50 60
AMBIENT TEMPERATURE (ºC)
0.9
0.8
0.7
0.6
0.5
0.4
0.1
0.3
0.2
0
10
30
70
80
90
0.125" LEAD LENGTH
FROM PC BOARD
0.4" LENGTH
FROMPC BOARD
Figure 7. Maximum Power Dissipation (SOT89)
Figure 8. Maximum Power Dissipation (TO-92)
Figure 9. Output Impedance
Figure 10. Operation During Load Dump
0.0
010 20
40
70 80
AMBIENT TEMPERATURE (ºC)
30
50 60
90
0.4
0.8
1.2
1.6
2.0
10
1
0.1
0
30
60
90
120
150
FREQUENCY (Hz)
0.01
5.0V
I
O = 10mA
OPERATION DURING LOAD DUMP
TIME (ms)
400
200
100
-100
30
10
0
6
4
-2
2
0
0
300
~
~
20
40
50
60
70
500
~
~
C
O
= 100
µF
R
L
= 500


Similar Part No. - SPX116M1-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX116M1-3.3 SIPEX-SPX116M1-3.3 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
More results

Similar Description - SPX116M1-3.3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com