Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2700M3-3.3 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2700M3-3.3
Description  700mA Low Dropout Voltage Regulators With Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2700M3-3.3 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX2700M3-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 7Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 8Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 9Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 10Page - Sipex Corporation SPX2700M3-3.3 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev. 10/25/00
SPX2700/01/02
TO-220-5L (U)
0.108 +- 0.005
(2.74 +- 2.74)
0.400 +-0.005
(10.16+- 0.13)
0.150 D+-0.005
(3.81D +-0.13)
0.175 +- 0.005
(4.45 +- 0.13)
0.050 +- 0.005
(1.27 +- 0.13)
0.250 +- 0.005
(6.35 +- 0.13)
0.590 +- 0.005
(14.99 +- 0.13)
SEATING
PLANE
0.547 +- 0.005
(13.89 +- 0.005)
0.067 +- 0.005
(1.70 +- 0.127)
0.268 REF
(6.81 REF)
0.268 REF
0.032 +- 0.005
(0.81 +- 0.13)
0.015 +- 0.005
(0.38 +- 0.13)
0.105 +- 0.005
(2.67 +- 0.13)
1.137 REF
(28.88 REF)
Typ.


Similar Part No. - SPX2700M3-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730T-3.3 SIPEX-SPX2730T-3.3 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730T-5.0 SIPEX-SPX2730T-5.0 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730U-3.3 SIPEX-SPX2730U-3.3 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730U-5.0 SIPEX-SPX2730U-5.0 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2700M3-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121-3.3 LINER-LT1121-3.3_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com