Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR805 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FR805
Description  8.0A Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FR805 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FR805 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FR805 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Reverse Recovery Time
Low Leakage
Low Forward Voltage Drop
High Current Capability
High Surge Capability
Plastic Material - UL Flammability Rating 94V-0
High Reliability
Case: TO-220
AC, Molded Plastic
Polarity: See Diagram at Right
Approx. Weight: 2.24 grams
Mounting Position: Any
Ratings at 25° C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
Characteristic
Symbol
FR801
FR802
FR803
FR804
FR805
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current
0.375" (9.5mm) Lead Length
@ TC = 100°C
I(AV)
8.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 8.0A DC
VF
1.3
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
@ TA = 25°C
IR
10
µA
Maximum Full Load Reverse Current Full Cycle
@ TC = 100°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
ns
Typical Junction Capacitance (Note 2)
CJ
70
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR =0.25 A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
FR801-FR805
8.0A Fast Recovery Rectifier
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeters)
TO-220AC
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
CASE
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FR805

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR805 RECTRON-FR805 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Nantong Hornby Electron...
FR805 HORNBY-FR805 Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR805 BYTES-FR805 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
FR805 RECTRON-FR805 Datasheet
103Kb / 5P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
2016-08 REV:A
logo
Diodes Incorporated
FR805 DIODES-FR805 Datasheet
60Kb / 2P
   8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
More results

Similar Description - FR805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR801 DIODES-FR801 Datasheet
60Kb / 2P
   8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
logo
TAITRON Components Inco...
TF801L TAITRON-TF801L Datasheet
131Kb / 4P
   8.0A Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
SF81 LUGUANG-SF81 Datasheet
174Kb / 2P
   8.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
SF81 DIODES-SF81 Datasheet
63Kb / 2P
   8.0A SUPER-FAST RECOVERY RECTIFIER
DS24005 Rev. C-3
logo
Won-Top Electronics
FR801G WTE-FR801G Datasheet
53Kb / 3P
   8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3K803SF YFWDIODE-D3K803SF Datasheet
641Kb / 3P
   8.0A Super Fast Recovery Rectifier Bridge
TTF803E YFWDIODE-TTF803E Datasheet
297Kb / 3P
   8.0A Super Fast Recovery Rectifier Bridge
logo
KIA Semiconductor Techn...
08TB60B KIA-08TB60B Datasheet
37Kb / 2P
   FAST RECOVERY DIODE 8.0A竊?00V
08TB70D KIA-08TB70D Datasheet
164Kb / 2P
   FAST RECOVERY DIODE 8.0A竊?00V
logo
Diodes Incorporated
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com