Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34D Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GL34D
Description  0.5A SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GL34D Datasheet(HTML) 1 Page - Frontier Electronics.

  GL34D Datasheet HTML 1Page - Frontier Electronics. GL34D Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL34A THRU GL34J
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
0.5A SURFACE MOUNT SILICON RECTIFIERS
GL34A THRU GL34J
FEATURES
LOW COST
GLASS PASSIVATED DEVICE
LOW LEAKAGE CURRENT
IDEAL FOR SURFACE MOUNT APPLICATIONS
MECHANICAL DATA
CASE:DO-213AA(GL34), DIMENSIONS IN MILLIMETERS
TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026
POLARITY: CATHODE INDICATED BY COLOR BAND
MOUNTING POSITION : ANY
WEIGHT:0.036 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
GL34A
GL34B
GL34D
GL34G
GL34J
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT SEE FIG.1
IO
0.5
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
10
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
4
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
GL34A
GL34B
GL34D
GL34G
GL34J
UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.1
V
MAXIMUM DC REVERSE CURRENT AT TA=25°C
TA=100°C
IR
5
50
μA
NOTE: 1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
SOLDERABLE ENDS
1.45
±0.15
3.5
±0.2
0.35
±0.15


Similar Part No. - GL34D

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34D DCCOM-GL34D Datasheet
340Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
GL34D PACELEADER-GL34D Datasheet
289Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
66Kb / 2P
   Silicon passivated type
logo
Micro Commercial Compon...
GL34D MCC-GL34D Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
General Semiconductor
GL34D GE-GL34D Datasheet
80Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
More results

Similar Description - GL34D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MB2S SUNMATE-MB2S Datasheet
1Mb / 2P
   0.5A Surface Mount Bridge Rectifiers
logo
Chip Integration Techno...
B0520LWG-ST CITC-B0520LWG-ST Datasheet
92Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0540LWG-ST CITC-B0540LWG-ST Datasheet
92Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LW-S CITC-B0520LW-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LW-ST CITC-B0520LW-ST Datasheet
92Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520W-S CITC-B0520W-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0540LWG-S CITC-B0540LWG-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0540LWG CITC-B0540LWG Datasheet
90Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LWG CITC-B0520LWG Datasheet
90Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
B0520LWG-S CITC-B0520LWG-S Datasheet
91Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com