Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP15-04R Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GP15-04R
Description  1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GP15-04R Datasheet(HTML) 1 Page - Frontier Electronics.

  GP15-04R Datasheet HTML 1Page - Frontier Electronics. GP15-04R Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP15-005R THRU GP15-10R
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
GP15-005R THRU GP15-10R
FEATURES
LOW FORWARD VOLTAGE
HIGH CURRENT CAPABILITY
LOW LEAKAGE CURRENT
HIGH SURGE CAPABILITY
BEVEL ROUND CHIP, AVALANCHE OPERATION
LOW COST
MECHANICAL DATA
CASE: DO15, MOLDED PLASTIC USE UL 94V-0 RECOGNIZED
FLAME RETARDANT EPOXY, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINAL: AXIAL LEADS, SOLDERABLE PER MIL-STD-202
METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION : ANY
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
GP15
-005R
GP15
-01R
GP15
-02R
GP15
-04R
GP15
-06R
GP15
-08R
GP15
-10R
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.5
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
15
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
40
℃/W
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 175
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
GP15
-005R
GP15
-01R
GP15
-02R
GP15
-04R
GP15
-06R
GP15
-08R
GP15
-10R
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.1
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
NOTE:
1. MEASURED AT 1MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - GP15-04R

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP15-04G FRONTIER-GP15-04G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results

Similar Description - GP15-04R

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP15-005G FRONTIER-GP15-005G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
1N5391 FRONTIER-1N5391 Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC RECTIFIER
1N5391-LFR FRONTIER-1N5391-LFR Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Gulf Semiconductor
1N5399-E GULFSEMI-1N5399-E Datasheet
73Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
logo
Continental Device Indi...
RL201 CDIL-RL201 Datasheet
245Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
BY133 CDIL-BY133 Datasheet
80Kb / 5P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1N4001 KOOCHIN-1N4001 Datasheet
271Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
8A05 KOOCHIN-8A05 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL101 KOOCHIN-RL101 Datasheet
270Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
1N5391 SEMTECH_ELEC-1N5391 Datasheet
236Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com