Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP60-10 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GP60-10
Description  6A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GP60-10 Datasheet(HTML) 2 Page - Frontier Electronics.

  GP60-10 Datasheet HTML 1Page - Frontier Electronics. GP60-10 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GT60-005 THRU GT60-10
Page: 2
RATINGS AND CHARACTERISTIC CURVES GT60-005 THRU GT60-10
FIG. 1 - FORWARD DERATING CURVE
22
20
16
12
8
4
0
20
40
60
80
100
120
140
160
180
200
TEMPERATURE,
FIG. 2 - TYPICAL FORWARD CHARACTERISTIC
100
10
1.0
0.1
.6
.8
1.0
1.2
1.4
1.6
.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
Pulse Width=300us
FIG. 3 - PEAK FORWARD SURGE CURRENT
600
500
400
300
200
100
0
0
10
100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Half Sine Wave
TJ=150
FIG. 4 - TYPICAL REVERSE CHARACTERISTIC
100
10
1
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
TJ=25
TJ=100
T =125
AMBIENT TEMP.
TERMINAL TEMP.


Similar Part No. - GP60-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP60-10 FRONTIER-GP60-10 Datasheet
127Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
GP60-10-LFR FRONTIER-GP60-10-LFR Datasheet
127Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
GP60-10R-LFR FRONTIER-GP60-10R-LFR Datasheet
127Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - GP60-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP60-005-LFR FRONTIER-GP60-005-LFR Datasheet
127Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
GP60-005 FRONTIER-GP60-005 Datasheet
127Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
GP60-005R-LFR FRONTIER-GP60-005R-LFR Datasheet
127Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
GH60-005 FRONTIER-GH60-005 Datasheet
122Kb / 2P
   6A GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com