Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV07-16 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # HV07-16
Description  HIGH VOLTAGE RECTIFIER ASSEMBLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HV07-16 Datasheet(HTML) 1 Page - Frontier Electronics.

  HV07-16 Datasheet HTML 1Page - Frontier Electronics. HV07-16 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV07-08 THRU HV07-16
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
HIGH VOLTAGE RECTIFIER ASSEMBLIES
HV07-08 THRU HV07-16
FEATURES
ISOLATED CASE
SURGE OVERLOAD RATING-50 AMPERES PEAK
SILVER-PLATED COPPER TERMINALS
LOW LEAKAGE, LOW FORWARD VOLTAGE DROP
MECHANICAL DATA
CASE: HV07,
DIMENSIONS IN INCHES AND (MILLIMETERS)
POLARITY: CATHODE TO LARGE HOLE TERMINAL
WEIGHT: 30 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL HV07-08 HV07-09 HV07-10 HV07-12 HV07-14 HV07-15 HV07-16 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
8000
9000
10000
12000
14000
15000
16000
V
MAXIMUM RMS VOLTAGE
VRMS
5600
6300
7000
8400
9800
10500
11200
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
8000
9000
10000
12000
14000
15000
16000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TC=60
°C
IO
750
mA
PEAK FORWARD SURGE CURRENT
IFSM
50
A
STORAGE TEMPERATURE RANGE
TSTG
- 20 TO + 135
OPERATING TEMPERATURE RANGE
TOP
- 20 TO + 135
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL HV07-08 HV07-09 HV07-10 HV07-12 HV07-14 HV07-15 HV07-16
V
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
10.0
14.0
16.0
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
2.520(64.0)
2.500(63.5)
.256(6.5)
.244(6.2)
.173(4.4)
.157(4.0)
.748(19.0)
.708(18.0)
.323(8.2)
.307(7.8)
.276(7.0)
.236(6.0)
.772(19.6)
.732(18.6)
1.673(42.5)
1.634(41.5)
.033(0.85)
.030(0.75)
.441
(11.2)
1.594(40.5)
1.555(39.5)
3.012(76.5)
2.972(75.5)
.142(3.6)
.126(3.2)


Similar Part No. - HV07-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV07-16 ETC1-HV07-16 Datasheet
123Kb / 2P
   750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
RFE international
HV07-16 RFE-HV07-16 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
More results

Similar Description - HV07-16

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
KMO EDI-KMO Datasheet
49Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
HTD EDI-HTD Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
KHP EDI-KHP Datasheet
57Kb / 2P
   KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
   KILOVOLT RECTIFIER ASSEMBLIES
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
   Rectifier & SCR Assemblies
logo
Microsemi Corporation
EFH3016 MICROSEMI-EFH3016 Datasheet
70Kb / 1P
   HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
EFH16 MICROSEMI-EFH16 Datasheet
70Kb / 1P
   HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
   HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com