Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK12-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # LK12-LFR
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LK12-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  LK12-LFR Datasheet HTML 1Page - Frontier Electronics. LK12-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LK12-LFR THRU LK14-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE LK12-LFR THRU LK14-LFR
TJ=25
PULSE WIDTH=300us
1% DUTY CYCLE
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1
.3
.5
.7
.9 1.1
1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
0.1
0.4
1.0
4
10
40
100
REVERSE VOLTAGE, VOLTS
FIG. 5 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
50
40
30
20
10
0
1
2
4
10
20
40
100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Half
Sine-Wave
(JEDEC Method)
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
180
200
LEAD TEMPERATURE (
℃)
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TA=25
TA=125
TA=75


Similar Part No. - LK12-LFR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LK1 MSYSTEM-LK1 Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-1-K MSYSTEM-LK1-1-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-1-R MSYSTEM-LK1-1-R Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-2-K MSYSTEM-LK1-2-K Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
LK1-2-R MSYSTEM-LK1-2-R Datasheet
106Kb / 2P
   TRANSMISSION LEVEL CONVERTER
More results

Similar Description - LK12-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com