Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2700U5-3.3 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2700U5-3.3
Description  700mA Low Dropout Voltage Regulators With Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2700U5-3.3 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX2700U5-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 7Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 8Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 9Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 10Page - Sipex Corporation SPX2700U5-3.3 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev. 10/25/00
SPX2700/01/02
ORDERING INFORMATION
Ordering No.
Precision
Output Voltage
Packages
SPX2700M3-3.3
2%
3.3V
3 Lead TO-223
SPX2700M3-5.0
2%
5.0V
3 Lead TO-223
SPX2700AM3-3.3
1%
3.3V
3 Lead TO-223
SPX2700AM3-5.0
1%
5.0V
3 Lead TO-223
SPX2700T3-3.3
2%
3.3V
3 Lead TO-263
SPX2700T3-5.0
2%
5.0V
3 Lead TO-263
SPX2700AT3-3.3
1%
3.3V
3 Lead TO-263
SPX2700AT3-5.0
1%
5.0V
3 Lead TO-263
SPX2700T5-3.3
2%
3.3V
5 Lead TO-263
SPX2700T5-5.0
2%
5.0V
5 Lead TO-263
SPX2700AT5-3.3
1%
3.3V
5 Lead TO-263
SPX2700AT5-5.0
1%
5.0V
5 Lead TO-263
SPX2700U3-3.3
2%
3.3V
3 Lead TO-220
SPX2700U3-5.0
2%
5.0V
3 Lead TO-220
SPX2700AU3-3.3
1%
3.3V
3 Lead TO-220
SPX2700AU3-5.0
1%
5.0V
3 Lead TO-220
SPX2700U5-3.3
2%
3.3V
5 Lead TO-220
SPX2700U5-5.0
2%
5.0V
5 Lead TO-220
SPX2700AU5-3.3
1%
3.3V
5 Lead TO-220
SPX2700AU5-5.0
1%
5.0V
5 Lead TO-220
SPX2701T3-3.3
2%
3.3V
3 Lead TO-263
SPX2701T3-5.0
2%
5.0V
3 Lead TO-263
SPX2701AT3-3.3
1%
3.3V
3 Lead TO-263
SPX2701AT3-5.0
1%
5.0V
3 Lead TO-263
SPX2701T5-3.3
2%
3.3V
5 Lead TO-263
SPX2701T5-5.0
2%
5.0V
5 Lead TO-263
SPX2701AT5-3.3
1%
3.3V
5 Lead TO-263
SPX2701AT5-5.0
1%
5.0V
5 Lead TO-263
SPX2701U3-3.3
2%
3.3V
3 Lead TO-220
SPX2701U3-5.0
2%
5.0V
3 Lead TO-220
SPX2701AU3-3.3
1%
3.3V
3 Lead TO-220
SPX2701AU3-5.0
1%
5.0V
3 Lead TO-220
SPX2701U5-3.3
2%
3.3V
5 Lead TO-220
SPX2701U5-5.0
2%
5.0V
5 Lead TO-220
SPX2701AU5-3.3
1%
3.0V
5 Lead TO-220
SPX2701AU5-5.0
1%
5.0V
5 Lead TO-220
SPX2702T3
2%
Adj
3 Lead TO-263
SPX2702AT3
1%
Adj
3 Lead TO-263
SPX2702T5
2%
Adj
5 Lead TO-263
SPX2702AT5
1%
Adj
5 Lead TO-263
SPX2702U3
2%
Adj
3 Lead TO-220
SPX2702AU3
1%
Adj
3 Lead TO-220
SPX2702U5
2%
Adj
5 Lead TO-220
SPX2702AU5
1%
Adj
5 Lead TO-220


Similar Part No. - SPX2700U5-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730T-3.3 SIPEX-SPX2730T-3.3 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730T-5.0 SIPEX-SPX2730T-5.0 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730U-3.3 SIPEX-SPX2730U-3.3 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730U-5.0 SIPEX-SPX2730U-5.0 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2700U5-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121-3.3 LINER-LT1121-3.3_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com