Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC22 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SAC22
Description  LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SAC22 Datasheet(HTML) 1 Page - Frontier Electronics.

  SAC22 Datasheet HTML 1Page - Frontier Electronics. SAC22 Datasheet HTML 2Page - Frontier Electronics. SAC22 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAC5.0 THRU SA50
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
SAC5.0 THRU SA50
FEATURES
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOND
DIFFUSED JUNCTION
LOW COST
LOW JUNCTION CAPACITANCE
MECHANICAL DATA
CASE: MOLDED PLASTIC, CASE: DO15, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-
202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING POSITION: ANY
WEIGHT: 0.4 GRAMS
ABSOLUTE MAXIMUM RATING
CHARACTERISTICS
SYMBOL
CONDITIONS
T.V.S.
DIODE
UNITS
STORAGE TEMPERATURE RANGE
TSTG
-40 ~ 150
-40 ~ 150
JUNCTION TEMPERATURE
TJ
150
150
PEAK SURGE REVERSE POWER
PRSM
Non-repetitive 10/1000
μS
500
-
W
ELECTRICAL CHARACTERISTICS (UNLESS OTHERWISE STATED TC =25°C)
CHARACTERISTICS
SYMBOL
CONDITIONS
T.V.S.
DIODE
UNITS
LEAKAGE CURRENT
IR
VR=VRM
Max. 5.0
Max. 5.0
μA
REVERSE RECOVERY TIME
trr
IF/IR=0.1A/0.3A
-
Max. 500
nS
MAXIMUM JUNCTION CAPACITANCE AT 0 VOLTAGE
Cj
20
pf
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
NOTE : EQUIVALENT CIRCUIT
FIGURE 1 --AC Line Protection Application
APPLICATION NOTE : Devices must be used with two units in parallel,
opposite in polarity as shown in circuit for AC Signal Line protection
LOW CAPACITANCE
TVS
+
+
IN
OUT
T.V.S.
DIODE
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - SAC22

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC22 EIC-SAC22 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC22 MERITEK-SAC22 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC22 SPSEMI-SAC22 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC22 MICROSEMI-SAC22 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC22 MCC-SAC22 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC22

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA5A WTE-SA5A Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SAC6.0-TP MCC-SAC6.0-TP Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
TAITRON Components Inco...
SAC5 TAITRON-SAC5 Datasheet
136Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
ON Semiconductor
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
CM1250-04QF ONSEMI-CM1250-04QF Datasheet
102Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 3
CM1248-04QG ONSEMI-CM1248-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1248-08DE ONSEMI-CM1248-08DE_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
logo
Shanghai Leiditech Elec...
SACA5.0 LEIDITECH-SACA5.0 Datasheet
624Kb / 3P
   Low Capacitance Transient Voltage Suppressors
logo
UN Semiconducctor INC
SAC UNSEMI-SAC Datasheet
2Mb / 5P
   5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SACB UNSEMI-SACB Datasheet
2Mb / 5P
   5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com