Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF10-015-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SF10-015-LFR
Description  1A SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF10-015-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  SF10-015-LFR Datasheet HTML 1Page - Frontier Electronics. SF10-015-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF10-005-LFR THRU SF10-06-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE SF10-005-LFR THRU SF10-06-LFR
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
SF10-005-LF~10-02-LF
SF10-03-LF~10-06-LF
TJ=25
oC
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
40
30
25
20
15
10
5
0
1
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
2.0
1.0
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz Resistive
or Inductive Load
+0.5A
0
-0.25A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=25
oC
1000
100
10
1.0
0.1
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0 1.2
1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
SF10-005-LF~10-02-LF
SF10-06-LF
10
1.0
.1
.01
.001
SF10-03-LF~10-04-LF
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - SF10-015-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF10-015 FRONTIER-SF10-015 Datasheet
128Kb / 2P
   1A SUPER FAST RECOVERY RECTIFIER
SF10-015G FRONTIER-SF10-015G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF10-015G-LFR FRONTIER-SF10-015G-LFR Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF10-015-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF10-005 FRONTIER-SF10-005 Datasheet
128Kb / 2P
   1A SUPER FAST RECOVERY RECTIFIER
SF10-005G FRONTIER-SF10-005G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF10-005G-LFR FRONTIER-SF10-005G-LFR Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Frontier Electronics.
HER101-LFR FRONTIER-HER101-LFR Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
BYT54A-LFR FRONTIER-BYT54A-LFR Datasheet
127Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
BA157 FRONTIER-BA157 Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
BA157G FRONTIER-BA157G Datasheet
124Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
FR10-005 FRONTIER-FR10-005 Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com