Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF50-04 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SF50-04
Description  5A SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF50-04 Datasheet(HTML) 1 Page - Frontier Electronics.

  SF50-04 Datasheet HTML 1Page - Frontier Electronics. SF50-04 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF50-005 THRU SF50-06
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
5A SUPER FAST RECOVERY RECTIFIER
SF50-005 THRU SF50-06
FEATURES
LOW POWER LOSS, HIGH EFFICIENCY
LOW FORWARD VOLTAGE
HIGH CURRENT CAPABILITY
HIGH SPEED SWITCHING
HIGH RELIABILITY
HIGH SURGE CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO201AD, DIMENSIONS IN INCHES
AND (MILLIMETERS)
EPOXY: UL 94V-0 MOLDING COMPOUND
LEADS: MIL-STD-202E, METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 1.2 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SF50
-005
SF50
-01
SF50
-015
SF50
-02
SF50
-03
SF50
-04
SF50
-05
SF50
-06
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
150
200
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
5.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
150
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
50
30
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
30
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SF50
-005
SF50
-01
SF50
-015
SF50
-02
SF50
-03
SF50
-04
SF50
-05
SF50
-06
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.95
1.25
1.85
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
35
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20
×20×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Similar Part No. - SF50-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF50-04-LFR FRONTIER-SF50-04-LFR Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
SF50-04G FRONTIER-SF50-04G Datasheet
128Kb / 2P
   5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF50-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF50-005-LFR FRONTIER-SF50-005-LFR Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
SF50-005G FRONTIER-SF50-005G Datasheet
128Kb / 2P
   5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Shindengen Electric Mfg...
D5LC20UR SHINDENGEN-D5LC20UR Datasheet
439Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
   Super Fast Recovery Rectifiers(400V 5A)
D5LD20U SHINDENGEN-D5LD20U Datasheet
439Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
DE5LC20U SHINDENGEN-DE5LC20U Datasheet
474Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
SF5L60 SHINDENGEN-SF5L60 Datasheet
377Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
logo
Frontier Electronics.
HER501 FRONTIER-HER501 Datasheet
129Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com