Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF50-05G Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SF50-05G
Description  5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SF50-05G Datasheet(HTML) 2 Page - Frontier Electronics.

  SF50-05G Datasheet HTML 1Page - Frontier Electronics. SF50-05G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF50-005G THRU SF50-06G
Page: 2
FIG. 1-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE FOR
10/20 ns/cm
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
1000
100
10
1.0
0.1
TJ=25
oC
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
175
150
125
100
75
50
25
0
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
RATINGS AND CHARACTERISTIC CURVE SF50-005G THRU SF50-06G
6.0
5.0
4.0
3.0
2.0
1.0
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave
60 Hz Resistive
or Inductive Load
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
TJ=25
oC
10.0
1.0
0.1
.01
.001
SF50-005G~50-02G
SF50-03G~50-04G
Pulse Width=300us
1% Duty Cycle
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 6-TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
SF50-03G~50-06G
SF50-005G~50-02G
TJ=25
oC
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE, (V)
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - SF50-05G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF50-05 FRONTIER-SF50-05 Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
SF50-05-LFR FRONTIER-SF50-05-LFR Datasheet
128Kb / 2P
   5A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF50-05G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR5KF DIODES-PDR5KF Datasheet
555Kb / 6P
   5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com