Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA100(C)A Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SA100(C)A
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SA100(C)A Datasheet(HTML) 1 Page - Frontier Electronics.

  SA100(C)A Datasheet HTML 1Page - Frontier Electronics. SA100(C)A Datasheet HTML 2Page - Frontier Electronics. SA100(C)A Datasheet HTML 3Page - Frontier Electronics. SA100(C)A Datasheet HTML 4Page - Frontier Electronics. SA100(C)A Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SA5.0(C) THRU SA170(C)A
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C) THRU SA170(C)A
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
500W PEAK PULSE POWER CAPABILITY ON 10/1000
μs
WAVEFORM
EXCELLENT CLAMPING CAPABILITY
REPETITION RATE (DUTY CYCLE):0.01%
LOW INCREMENTAL SURGE RESISTANCE
FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 ps FROM
0 VOLTS TO BV FOR UNIDIRECTIONAL AND 5.0ns FOR
BIDIRECTIONAL TYPES
TYPICAL ID LESS THAN 1μA ABOVE 10V
HIGH TEMPERATURE SOLDERING :260
°C /10S
/0.375” (9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15,
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER
MIL-STD-202, METHOD 2026
POLARITY :COLOR BAND DENOTES POSITIVE END EXCEPT
BIDIRECTIONAL
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
RATINGS
SYMBOL
VALUE
UNITS
PEAK PULSE POWER DISSIPATION ON 10/1000
μS WAVEFORM
(NOTE 1, FIG. 1)
PPPM
MINIMUM 500
WATTS
PEAK PULSE CURRENT OF 0N 10/1000
μS WAVEFORM
(NOTE 1,FIG. 3)
IPPM
SEE TABLE 1
A
STEADY STATE POWER DISSIPATION AT TL=75℃,
LEAD LENGTHS 0.375” (9.5mm) (NOTE2)
PM(AV)
3.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD,
UNIDIRECTIONAL ONLY(NOTE 3)
IFSM
70
A
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE AT 35.0A
FOR UNIDIRECTIONAL ONLY (NOTE 3)
VF
3.5
V
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 175
°C
NOTE:
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25
°C PER FIG 2.
2. MOUNTED ON COPPER PAD AREA OF 1.6x1.6” (40x40mm) PER FIG. 5
3. 8.3ms SINGLE HALF SINE-WAVE OR EQUIVALENT SQUARE WAVE, DUTY CYCLE=4 PULSES PER MINUTE MAXIMUM.
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10
﹪ TOLERANCE, CA SUFFIX FOR 5﹪ TOLERANCE
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - SA100(C)A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SA100(C)A FORMOSA-SA100(C)A Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
Frontier Electronics.
SA100(C)A-LFR FRONTIER-SA100(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA100(C)A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com