Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX431LM Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX431LM
Description  Low Voltage Precision Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LM Datasheet(HTML) 7 Page - Sipex Corporation

  SPX431LM Datasheet HTML 1Page - Sipex Corporation SPX431LM Datasheet HTML 2Page - Sipex Corporation SPX431LM Datasheet HTML 3Page - Sipex Corporation SPX431LM Datasheet HTML 4Page - Sipex Corporation SPX431LM Datasheet HTML 5Page - Sipex Corporation SPX431LM Datasheet HTML 6Page - Sipex Corporation SPX431LM Datasheet HTML 7Page - Sipex Corporation SPX431LM Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. 10/30/00
SPX431L
TYPICAL PERFORMANCE CURVES
OUT
GND
220
f
P = 100 kHz
INPUT
MONITOR
50
Pulse Response
Figure 12
t - Time (
µ
µµ
µs)
12
-1
0
1
2
3
4
5
6
11
10
9
8
7
6
5
4
3
2
1
0
150
10 k
I
K
C
L
Stability Boundary Conditions
Figure 13
C
L - Load Capacitance (pF)
OUTPUT
INPUT
107
106
105
104
103
102
101
100
0
10
20
30
40
50
60
70
80
90
100
STABILITY
REGION
T
A = 25 °C
A: V
KA = VREF
B: V
KA = 5V at IK = 10 mA
C: V
KA = 10V at IK = 10 mA
D: V
KA = 15V at IK = 10 mA
D
C
A
B


Similar Part No. - SPX431LM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX431LM SIPEX-SPX431LM Datasheet
101Kb / 12P
   Precision Adjustable Shunt Regulator
SPX431LM/TR SIPEX-SPX431LM/TR Datasheet
101Kb / 12P
   Precision Adjustable Shunt Regulator
SPX431LM1 SIPEX-SPX431LM1 Datasheet
101Kb / 12P
   Precision Adjustable Shunt Regulator
SPX431LM1/TR SIPEX-SPX431LM1/TR Datasheet
101Kb / 12P
   Precision Adjustable Shunt Regulator
More results

Similar Description - SPX431LM

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com