Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR10100CT
Description  10.0AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR10100CT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR10100CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR10100CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 108 -
TO-220AB
Features
Plastic material used carries Underwriters
Laboratory Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220AB molded plastic body
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBR
1035
CT
MBR
1045
CT
MBR
1050
CT
MBR
1060
CT
MBR
1090
CT
MBR
10100
CT
MBR
10150
CT
MBR
10200
CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
200
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
105
140
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
200
V
Maximum Average Forward Rectified Current
at Tc=125
OC
I(AV)
10
A
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=125
oC
IFRM
32
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at:
(Note 2)
IF=5A, TC=25
oC
IF=5A, TC=125
oC
IF=10A, TC=25
oC
IF=10A, TC=125
oC
VF
0.70
0.57
0.80
0.67
0.80
0.65
0.90
0.75
0.85
0.75
0.95
0.85
0.88
0.78
0.98
0.88
V
0.1
Maximum Instantaneous Reverse Current
@ Tc =25
oC at Rated DC Blocking Voltage
@ Tc=125
oC
(Note 2)
IR
15
10
2.0
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Maximum Typical Thermal Resistance (Note 3)
RθJC
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, Mount on Heatsink Size of 2 in x 3 in x 0.25in
Al-Plate.
MBR1035CT-MBR10200CT
10.0AMP. Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Taiwan Semiconductor Co...
MBR10100CT TSC-MBR10100CT Datasheet
201Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Shanghai Lunsure Electr...
MBR10100CT CHENYI-MBR10100CT Datasheet
243Kb / 2P
   10Amp schottky barrier rectifier 80-100 volts
logo
Foshan Blue Rocket Elec...
MBR10100CT FOSHAN-MBR10100CT Datasheet
840Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
logo
Vishay Siliconix
MBR10100CT VISHAY-MBR10100CT Datasheet
134Kb / 5P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 26-Apr-10
More results

Similar Description - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
   10.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
   10.0Amp. Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SP1045 SECOS-SP1045_15 Datasheet
581Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com