Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTPA62 Datasheet(PDF) 3 Page - Frontier Electronics.

Part # SMTPA62
Description  TELECOM EQUIPMENT PROTECTION竊숿RISILTM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SMTPA62 Datasheet(HTML) 3 Page - Frontier Electronics.

  SMTPA62 Datasheet HTML 1Page - Frontier Electronics. SMTPA62 Datasheet HTML 2Page - Frontier Electronics. SMTPA62 Datasheet HTML 3Page - Frontier Electronics. SMTPA62 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMTPA62 THRU SMTPA270
Page: 3
ELECTRICAL PARAMETERS
(Tamb = 25℃)
type
IRM@VRM
MAX
IR@VR
MAX
NOTE
DYNAMIC
VBO@ IBO
MAX
NOTE2
STATIC
VBO@ IBO
MAX
NOTE3
IH
MIN
NOTE4
C
TYP.
NOTE5
C
TYP.
NOTE6
μ A
V
μ A
V
V
mA
V
mA
mA
PF
PF
SMTPA62
56
62
85
82
150
30
50
SMTPA68
61
68
93
90
150
30
45
SMTPA100
90
100
135
133
150
20
40
SMTPA120
108
120
160
160
150
20
40
SMTPA130
117
130
173
173
150
20
35
SMTPA180
162
180
235
240
150
15
30
SMTPA200
180
200
262
267
150
15
30
SMTPA220
198
220
285
293
150
15
30
SMTPA240
216
240
300
320
150
15
30
SMTPA270
2
243
50
270
350
800
360
800
150
15
30
NOTE 1
:IR MEASURED AT VR GUARANTEE VBR MIN≧ VR
NOTE 2
:SEE FUNCTIONAL BREAK OVER VOLTAGE TEST CIRCUIT 1.
NOTE 3
:SEE TEST CIRCUIT 2.
NOTE 4
:SEE FUNCTIONAL HOLDING CURRENT TEST CIRCUIT 3.
NOTE 5
:VR = 50V BIAS,VRMS = 1V,F = 1MHZ
NOTE 6
:VR = 2V BIAS,VRMS = 1V,F = 1MHZ


Similar Part No. - SMTPA62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
61Kb / 5P
   TRISILETM
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA62 BILIN-SMTPA62 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Luguang Electr...
SMTPA62 LUGUANG-SMTPA62 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Similar Description - SMTPA62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
logo
EPCOS
B59012B1080A151 EPCOS-B59012B1080A151 Datasheet
276Kb / 4P
   Overcurrent protection in telecom equipment
logo
STMicroelectronics
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com