Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTPA240 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SMTPA240
Description  TELECOM EQUIPMENT PROTECTION竊숿RISILTM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SMTPA240 Datasheet(HTML) 1 Page - Frontier Electronics.

  SMTPA240 Datasheet HTML 1Page - Frontier Electronics. SMTPA240 Datasheet HTML 2Page - Frontier Electronics. SMTPA240 Datasheet HTML 3Page - Frontier Electronics. SMTPA240 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMTPA62 THRU SMTPA270
Page: 1
TELECOM EQUIPMENT PROTECTION
:TRISILTM
SMTPA62 THRU SMTPA270
FEATURES
BIDIRECTIONAL CROWBAR PROTECTION
VOLTAGE RANGE FROM 62V TO 270V
LOW CAPACITANCE FROM 15PF TO 30PF TYP.@50V
LOW LEAKAGE CURRENT: IR = 2uA MAX.
HOLDING CURRENT: IH = 150 mA MIN.
REPETITIVE PEAK PULSE CURRENT: IPP = 50A (10/1000uS)
MAIN APPLICATIONS
TELECOMMUNICATION EQUIPMENT SUCH AS:
ANALOG AND DIGITAL LINE CARDS (xDSL,T1/E1,ISDN..)
TERMINALS (PHONE, FAX,MODEM…) AND CENTRAL
OFFICE EQUIPMENT.
DESCRIPTION
THE SMTPAxxx
SERIES HAS BEEN DESIGNED TO PROTECT
TELECOMMUNICATION EQUIPMENT AGAINST LIGHTNING AND
TRANSIENT INDUCED BY AC POWER LINES.
CASE:DO-214AA (SMB)
THE PACKAGE / DIE SIZE RATIO HAS BEEN OPTIMIZED BY USING
DIMENSIONS IN INCHES AND (MILLIMETERS)
THE SMB PACKAGE
BENEFITS
TRISILS ARE NOT SUBJECT TO AGEING AND PROVIDE A FAIL
SAFE MODE IN SHORT CIRCUIT FOR A BETTER PROTECTION.
TRISILS ARE USED TO HELP EQUIPMENT TO MEET VARIOUS
SUCH AS UL1950, IEC950/CSA C22.2, UL1459 AND FCC PART68.
TRISILS HAVE UL94 V0 RESIN APPROVED. SMB PACKAGE IS JEDEC
REGISTERED.( TRISILS ARE UL497B APPROVED – FILE:E136224)
SMTP Axxx
IN COMPLIANCES WITH THE FOLLOWING STANDARDS
STANDARD
PEAK SURGE
VOLTAGE
(V)
VOLTAGE
WAVEFORM
(μ s)
REQUIRED PEAK
CURRENT (A)
CURRENT
WAVEFORM (
μ s)
MIMIMUN SERIAL RESISTOR
TO MEET STANDARD (
Ω )
GR-1089 CORE
FIRST LEVEL
2500
1000
2/10
10/1000
500
100
2/10
10/1000
12
10
GR-1089 CORE
SECOND LEVEL
5000
2/10
500
2/10
24
GR-1089 CORE
INTRA-BUILDING
1500
2/10
100
2/10
0
ITU-T-K20 / K21
6000
1500
10/700
150
37.5
5/310
53
0
ITU-T-K20
(IEC61000-4-2)
6000
8000
1/60 ns
ESD CONTACT DISCHARGE
ESD AIR DISCHARGE
0
0
VDE0433
4000
2000
10/700
100
50
5/310
21.5
0
VDE0878
4000
2000
1.2/50
100
50
1/20
0
0
IEC61000-4-5
4000
4000
10/700
1.2/50
100
100
5/310
8/20
21.5
0
FCC PART 68, LIGHTNING
SURGE TYPE A
1500
800
10/160
10/560
200
100
10/160
10/560
12.5
6.5
FCC PART 68, LIGHTNING
SURGE TYPE B
1000
9/720
25
5/320
0
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
.060(1.52)
.030(0.76)
.220(5.59)
.205(5.21)
.096(2.44)
.084(2.13)
.180(4.57)
.160(4.06)
.155(3.94)
.130(3.30)
.086(2.20)
.077(1.96)
CATHODE


Similar Part No. - SMTPA240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA240 STMICROELECTRONICS-SMTPA240 Datasheet
61Kb / 5P
   TRISILETM
SMTPA240 STMICROELECTRONICS-SMTPA240 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA240 STMICROELECTRONICS-SMTPA240 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA240 BILIN-SMTPA240 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Luguang Electr...
SMTPA240 LUGUANG-SMTPA240 Datasheet
529Kb / 6P
   Telecommunication Protection
More results

Similar Description - SMTPA240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
logo
EPCOS
B59012B1080A151 EPCOS-B59012B1080A151 Datasheet
276Kb / 4P
   Overcurrent protection in telecom equipment
logo
STMicroelectronics
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com