Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR102 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SR102
Description  1A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR102 Datasheet(HTML) 2 Page - Frontier Electronics.

  SR102 Datasheet HTML 1Page - Frontier Electronics. SR102 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR102 THRU SR110
Page: 2
RATINGS AND CHARACTERISTIC CURVE SR102 THRU SR110
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RETED PEAK REVERSE
VOLTAGE, (%)
TJ=125
TJ=75
TJ=25
SR102~SR104
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1
.3
.5
.7
.9
1.1 1.3 1.5
1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25
PULSE WIDTH=300us
1% DUTY CYCLE
SR105
SR106
SR102
SR103
SR104
SR107
SR108
SR109
SR110
.1
.4
1.0
4
10
40
REVERSE VOLTAGE (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
TJ=25
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
60
50
40
30
20
10
0
MAXIMUM NON-REPETITIVE
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RETED PEAK REVERSE
VOLTAGE, (%)
TJ=150
TJ=75
TJ=25
TJ=125
SR105~SR110
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
.75
.50
.25
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
SINGLE PHASE HALF
WAVE 60HZ RESISTIVE
OR INDUCTIVE LOAD
3.75”(9.5mm) LEAD LENGTH
SR102~104
SR105~110


Similar Part No. - SR102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR102 JGD-SR102 Datasheet
143Kb / 2P
   1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR102 TSC-SR102 Datasheet
258Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers High reliability
logo
Diodes Incorporated
SR102 DIODES-SR102 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
More results

Similar Description - SR102

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR1150 FRONTIER-SR1150 Datasheet
439Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SB120 SSC-SB120 Datasheet
333Kb / 2P
   1A Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
1N5817 TAITRON-1N5817 Datasheet
184Kb / 4P
   1A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR102-LFR FRONTIER-SR102-LFR Datasheet
127Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
1N5817 FRONTIER-1N5817 Datasheet
121Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
1N5817-LFR FRONTIER-1N5817-LFR Datasheet
120Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
   40V, 1A Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK15AS CITC-SK15AS Datasheet
457Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SR12 CITC-SR12 Datasheet
150Kb / 3P
   1A Leaded Type Schottky Barrier Rectifiers
B120LWG-ST CITC-B120LWG-ST Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com