Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR60-045-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SR60-045-LFR
Description  60A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR60-045-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  SR60-045-LFR Datasheet HTML 1Page - Frontier Electronics. SR60-045-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR60-03-LFR THRU SR60-06-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
60A SCHOTTKY BARRIER RECTIFIERS
SR60-03-LFR THRU SR60-06-LFR
FEATURES
LOW SWITCHING NOISE
LOW FORWARD VOLTAGE DROP
LOW THERMAL RESISTANCE
HIGH CURRENT CAPABILITY
HIGH SWITCHING CAPABILITY
HIGH SURGE CAPABILITY
HIGH RELIABILITY
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, TO-3P, DIMENSIONS
IN INCHES AND (MILLIMETERS
EPOXY: UL94V-0R RATE FLAME RETARDANT
LEAD: MIL-STD-202E METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 6.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SR60-03
-LFR
SR60-035
-LFR
SR60-04
-LFR
SR60-045
-LFR
SR60-05
-LFR
SR60-06
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
30
35
40
45
50
60
V
MAXIMUM RMS VOLTAGE
VRMS
21
24
28
31
35
42
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
30
35
40
45
50
60
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
(SEE FIG.1)
IO
60.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
300
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SR60-03
-LFR
SR60-035
-LFR
SR60-04
-LFR
SR60-045
-LFR
SR60-05
-LFR
SR60-06
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT 30A DC
VF
0.65
0.75
V
MAXIMUM REVERSE CURRENT AT 25
IR
10.0
mA
MILLIMETERS
MIN
MAX
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
p
-
1.7
5.0
-
14.8
11.7
-
-
-
1.1
5.25
19.0
4.7
2.8
2.4
0.45
16.2
2.7
6.0
22.0
15.2
12.7
4.5
2.5
3.5
1.4
5.65
-
5.3
3.2
2.8
0.85
PIN 1
PIN 2
PIN 3
CASE
C
G
P
N
H
A
B
F E
D
K
L
M
o
1
23
3.4
±0.1


Similar Part No. - SR60-045-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR60-045 FRONTIER-SR60-045 Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR60-045-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR60-03 FRONTIER-SR60-03 Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
logo
Mospec Semiconductor
S60D30 MOSPEC-S60D30 Datasheet
252Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(60A,30-60V)
S60D90 MOSPEC-S60D90 Datasheet
175Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(60A,90-100V)
logo
Diodes Incorporated
SBL6030PT DIODES-SBL6030PT_1 Datasheet
74Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. 5 - 2
SBL6030PT DIODES-SBL6030PT Datasheet
63Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. B-2
MBR6030PT DIODES-MBR6030PT_3 Datasheet
65Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. 4 - 2
SBL6030PT DIODES-SBL6030PT_15 Datasheet
72Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
MBR6030PT DIODES-MBR6030PT Datasheet
63Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. B-2
MBR6030PT DIODES-MBR6030PT_15 Datasheet
71Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
logo
Shindengen Electric Mfg...
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
   Schottky Rectifiers (SBD)(60V 60A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com