Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR203 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SR203
Description  2A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR203 Datasheet(HTML) 2 Page - Frontier Electronics.

  SR203 Datasheet HTML 1Page - Frontier Electronics. SR203 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR202 THRU SR210
Page: 2
RATINGS AND CHARACTERISTIC CURVE SR202 THRU
FIG. 1 - FORWARD CURRENT
DERATING CURVE
2.0
1.0
0
0
20
40
60
80
100
120 140 160 180 200
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
TA-AMBIENT TEMPERATURE (
℃)
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
0.1
0.4
1.0
4
10
40
80100
REVERSE VOLTAGE, VOLTS
FIG. 4 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
50
40
30
20
10
0
1
2
4
10
20
40
100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Half
Sine-Wave
(JEDEC Method)
TJ=25
TJ=75
TJ=25
TJ=125
SR202~204
SR205~210
SR202~204
SR205~210
TJ=25
PULSE WIDTH=300us
1% DUTY CYCLE
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1
.3 .5
.7
.9
1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
SR202~204
SR205~206
SR207~210


Similar Part No. - SR203

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR203 MOSPEC-SR203 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Shenzhen Luguang Electr...
SR203 LUGUANG-SR203 Datasheet
1Mb / 2P
   2.0AMP. Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SR203 MCC-SR203 Datasheet
80Kb / 2P
   2 Amp Schottky Barrier Rectifier 20 - 60 Volts
logo
Taiwan Semiconductor Co...
SR203 TSC-SR203 Datasheet
63Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
SR203 TSC-SR203 Datasheet
162Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR203

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SB2150 FRONTIER-SB2150 Datasheet
423Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
SR202-LFR FRONTIER-SR202-LFR Datasheet
127Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
SR240 FRONTIER-SR240 Datasheet
432Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS220P-C SECOS-SCS220P-C Datasheet
97Kb / 2P
   2A Schottky Barrier Rectifiers
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
   40V, 2A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com