Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR803-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SR803-LFR
Description  8A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR803-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  SR803-LFR Datasheet HTML 1Page - Frontier Electronics. SR803-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR803-LFR THRU SR806-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVES SR803-LFR THRU SR806-LFR
FIG. 1 - FORWARD CURRENT DERATING CURVE
8.0
6.0
4.0
2.0
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
50
10
1
1.0
0.01
0
0.2
0.4
0.6 0.8
1.0
1.2 1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
1.000
100
10
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
160
140
120
100
80
60
40
1
10
100
NUMBER OF CYCLES AT 60HZ
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1
0.1
0.01
0.001
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
1
0.1
0.01
0.1
1
10
100
t. PULSE DURATION, sec.
SR803-LF-SR804-LF
SR805-LF-SR806-LF
TJ=25℃
f=1.0 MHZ
Vsig=50mVp-p
PULSE WIDTH=300us
1% DUTY CYCLE
TJ=125℃
TJ=25℃
TJ=125℃
TJ=75℃
TJ=25℃
TJ=Tjmax.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
RESISTIVE OR INDUCTIVE LOAD
0.375” (9.5mm) LEAD LENGTH
SR803-LF-SR804-LF
SR805-LF-SR806-LF
SR803-LF-SR804-LF
SR805-LF-SR806-LF


Similar Part No. - SR803-LFR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR803 TSC-SR803 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR803 TSC-SR803 Datasheet
163Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
SR803 CHENYI-SR803 Datasheet
52Kb / 2P
   8Amp schottky barrier rectifier 20-100 volts
logo
EIC discrete Semiconduc...
SR803 EIC-SR803 Datasheet
93Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
SR803 TSC-SR803 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR803-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SRF8-02 FRONTIER-SRF8-02 Datasheet
125Kb / 2P
   8A SCHOTTKY BARRIER RECTIFIERS
SRF8-02-LFR FRONTIER-SRF8-02-LFR Datasheet
125Kb / 2P
   8A SCHOTTKY BARRIER RECTIFIERS
SR803 FRONTIER-SR803 Datasheet
130Kb / 2P
   8A SCHOTTKY BARRIER RECTIFIERS
SRF8-02CT FRONTIER-SRF8-02CT Datasheet
126Kb / 2P
   8A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF8-02CT-LFR FRONTIER-SRF8-02CT-LFR Datasheet
126Kb / 2P
   8A DUAL SCHOTTKY BARRIER RECTIFIERS
SS82-LFR FRONTIER-SS82-LFR Datasheet
125Kb / 2P
   8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Mospec Semiconductor
S08A70 MOSPEC-S08A70 Datasheet
240Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,70-100V)
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
logo
Frontier Electronics.
SS82 FRONTIER-SS82 Datasheet
125Kb / 2P
   8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
TSUP8M45SH TSC-TSUP8M45SH Datasheet
425Kb / 5P
   8A, 45V Trench Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com